| Moteur de recherche de fiches techniques de composants électroniques |
|
TPS799 Fiches technique(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TPS799 Fiches technique(HTML) 21 Page - Texas Instruments |
|
21 / 49 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 9-Nov-2025 Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) TPS79915DDCT Active Production SOT-23- THIN (DDC) | 5 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 AWU TPS79915DDCT.B Active Production SOT-23- THIN (DDC) | 5 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 AWU TPS79915DDCTG4 Active Production SOT-23- THIN (DDC) | 5 250 | SMALL T&R - Call TI Call TI -40 to 125 TPS79915YZUR Active Production DSBGA (YZU) | 5 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 EA TPS79915YZUR.B Active Production DSBGA (YZU) | 5 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 EA TPS79915YZUT Active Production DSBGA (YZU) | 5 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 EA TPS79915YZUT.B Active Production DSBGA (YZU) | 5 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 EA TPS799185DDCR Active Production SOT-23- THIN (DDC) | 5 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 CGP TPS799185DDCR.B Active Production SOT-23- THIN (DDC) | 5 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 CGP TPS799185DDCRG4 Active Production SOT-23- THIN (DDC) | 5 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 CGP TPS799185DDCRG4.B Active Production SOT-23- THIN (DDC) | 5 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 CGP TPS799185DDCT Active Production SOT-23- THIN (DDC) | 5 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 CGP TPS799185DDCT.B Active Production SOT-23- THIN (DDC) | 5 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 CGP TPS799185YZUR Active Production DSBGA (YZU) | 5 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 ZA TPS799185YZUR.B Active Production DSBGA (YZU) | 5 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 ZA TPS799185YZUT Active Production DSBGA (YZU) | 5 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 ZA TPS799185YZUT.B Active Production DSBGA (YZU) | 5 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 ZA TPS79918DDCR Active Production SOT-23- THIN (DDC) | 5 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 AWV TPS79918DDCR.B Active Production SOT-23- THIN (DDC) | 5 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 AWV TPS79918DDCR1G4 Active Production SOT-23- THIN (DDC) | 5 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 AWV TPS79918DDCR1G4.B Active Production SOT-23- THIN (DDC) | 5 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 AWV Addendum-Page 3 |