Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SNX4LVC02A Fiches technique(PDF) 13 Page - Texas Instruments

No de pièce SNX4LVC02A
Description  SNx4LVC02A Quadruple 2-Input Positive-NOR Gates
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

SNX4LVC02A Fiches technique(HTML) 13 Page - Texas Instruments

Back Button SNX4LVC02A Datasheet HTML 9Page - Texas Instruments SNX4LVC02A Datasheet HTML 10Page - Texas Instruments SNX4LVC02A Datasheet HTML 11Page - Texas Instruments SNX4LVC02A Datasheet HTML 12Page - Texas Instruments SNX4LVC02A Datasheet HTML 13Page - Texas Instruments SNX4LVC02A Datasheet HTML 14Page - Texas Instruments SNX4LVC02A Datasheet HTML 15Page - Texas Instruments SNX4LVC02A Datasheet HTML 16Page - Texas Instruments SNX4LVC02A Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
14-Oct-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
5962-9760401Q2A
Active
Production
LCCC (FK) | 20
55 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
5962-
9760401Q2A
SNJ54LVC
02AFK
5962-9760401QCA
Active
Production
CDIP (J) | 14
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
5962-9760401QC
A
SNJ54LVC02AJ
5962-9760401QDA
Active
Production
CFP (W) | 14
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
5962-9760401QD
A
SNJ54LVC02AW
SN74LVC02ABQAR
Active
Production
WQFN (BQA) | 14
3000 | LARGE T&R
Yes
SELECTIVE
AG (TOP SIDE)
Level-1-260C-UNLIM
-40 to 125
LVC02A
SN74LVC02ABQAR.A
Active
Production
WQFN (BQA) | 14
3000 | LARGE T&R
Yes
SELECTIVE
AG (TOP SIDE)
Level-1-260C-UNLIM
-40 to 125
LVC02A
SN74LVC02AD
Active
Production
SOIC (D) | 14
50 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
LVC02A
SN74LVC02AD.B
Active
Production
SOIC (D) | 14
50 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
LVC02A
SN74LVC02ADBR
Active
Production
SSOP (DB) | 14
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
LC02A
SN74LVC02ADBR.A
Active
Production
SSOP (DB) | 14
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
LC02A
SN74LVC02ADBR.B
Active
Production
SSOP (DB) | 14
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
LC02A
SN74LVC02ADR
Active
Production
SOIC (D) | 14
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
LVC02A
SN74LVC02ADR.A
Active
Production
SOIC (D) | 14
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
LVC02A
SN74LVC02ADR.B
Active
Production
SOIC (D) | 14
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
LVC02A
SN74LVC02ADRG4
Active
Production
SOIC (D) | 14
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
LVC02A
SN74LVC02ANSR
Active
Production
SOP (NS) | 14
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
LVC02A
SN74LVC02ANSR.A
Active
Production
SOP (NS) | 14
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
LVC02A
SN74LVC02ANSR.B
Active
Production
SOP (NS) | 14
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
LVC02A
SN74LVC02APW
Active
Production
TSSOP (PW) | 14
90 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
LC02A
SN74LVC02APW.B
Active
Production
TSSOP (PW) | 14
90 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
LC02A
SN74LVC02APWE4
Active
Production
TSSOP (PW) | 14
90 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
LC02A
SN74LVC02APWR
Active
Production
TSSOP (PW) | 14
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
LC02A
SN74LVC02APWR.A
Active
Production
TSSOP (PW) | 14
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
LC02A
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com