Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L99DZ80EP Fiches technique(PDF) 41 Page - STMicroelectronics

No de pièce L99DZ80EP
Description  Automotive door actuator driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ80EP Fiches technique(HTML) 41 Page - STMicroelectronics

Back Button L99DZ80EP Datasheet HTML 37Page - STMicroelectronics L99DZ80EP Datasheet HTML 38Page - STMicroelectronics L99DZ80EP Datasheet HTML 39Page - STMicroelectronics L99DZ80EP Datasheet HTML 40Page - STMicroelectronics L99DZ80EP Datasheet HTML 41Page - STMicroelectronics L99DZ80EP Datasheet HTML 42Page - STMicroelectronics L99DZ80EP Datasheet HTML 43Page - STMicroelectronics L99DZ80EP Datasheet HTML 44Page - STMicroelectronics L99DZ80EP Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 68 page
background image
DocID18260 Rev 6
41/68
L99DZ80EP
Application information
67
Figure 18. H-bridge open-load detection (short to ground detected)
Figure 19. H-bridge open-load detection with H-OLTH HIGH = ‘1’ (short to VS detected)
3.20
Programmable cross current protection
Both external MOSFET transistors in one half-bridge are disabled for the cross-current
protection time (tCCP) after one MOSFET inside this halfbridge is switched off to prevent
current flowing from the high-side to the low-side MOSFET.
The cross current protection time tCCP can be programmed by SPI using bits COPT<3:0>.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68