Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L99DZ80EP Fiches technique(PDF) 44 Page - STMicroelectronics

No de pièce L99DZ80EP
Description  Automotive door actuator driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ80EP Fiches technique(HTML) 44 Page - STMicroelectronics

Back Button L99DZ80EP Datasheet HTML 40Page - STMicroelectronics L99DZ80EP Datasheet HTML 41Page - STMicroelectronics L99DZ80EP Datasheet HTML 42Page - STMicroelectronics L99DZ80EP Datasheet HTML 43Page - STMicroelectronics L99DZ80EP Datasheet HTML 44Page - STMicroelectronics L99DZ80EP Datasheet HTML 45Page - STMicroelectronics L99DZ80EP Datasheet HTML 46Page - STMicroelectronics L99DZ80EP Datasheet HTML 47Page - STMicroelectronics L99DZ80EP Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 68 page
background image
Application information
L99DZ80EP
44/68
DocID18260 Rev 6
Figure 21. Electrochrome mirror driver with mirror referenced to ECFD for negative discharge
3.22
Watchdog
The watchdog monitors the µC during normal operation within a nominal trigger cycle of
60ms. The watchdog is triggered by toggling the watchdog bit, which restarts the watchdog
timer (i.e. content of the watchdog trigger bit has to be inverted). If no watchdog bit inversion
has been occurred during the watchdog time-out time TWDTO the H-bridge drivers switch
into resistive-low condition, all power outputs are switched off, the electrochrome driver is
disabled and the device enters standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68