| Moteur de recherche de fiches techniques de composants électroniques |
|
L99DZ80EP Fiches technique(PDF) 56 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99DZ80EP Fiches technique(HTML) 56 Page - STMicroelectronics |
|
56 / 68 page ![]() SPI - control and status registers L99DZ80EP 56/68 DocID18260 Rev 6 5.10 Status Register 1 3 DS_MON_HS<2> Read/clear DS-Monitoring bit. A ‘1’ indicates that a drain-monitoring event (short- circuit or open-load) has occurred. 2 DS_MON_HS<1> Read/clear 1 DS_MON_LS<2> Read/clear 0 DS_MON_LS<1> Read/clear Table 41. Status Register 0 (continued) Bit Name Access Content Table 42. Status Register 1 Bit Name Access Content 15 OUT1_HS OL Read/clear Open-Load status bit of the corresponding output driver. A ‘1’ indicates that an open-load event has occurred. 14 OUT1_LS OL Read/clear 13 OUT2_HS OL Read/clear 12 OUT2_LS OL Read/clear 11 OUT3_HS OL Read/clear 10 OUT3_LS OL Read/clear 9 OUT4_HS OL Read/clear 8 OUT4_LS OL Read/clear 7 OUT5_HS_OL Read/clear 6 OUT5_LS OL Read/clear 5 OUT6_HS OL Read/clear 4 OUT6_LS OL Read/clear 3 0 Read Reserved 2 0 Read 1 0 Read 0 0 Read |