Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FLC02-200D Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce FLC02-200D
Description  FIRE LIGHTER CIRCUIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FLC02-200D Fiches technique(HTML) 4 Page - STMicroelectronics

  FLC02-200D Datasheet HTML 1Page - STMicroelectronics FLC02-200D Datasheet HTML 2Page - STMicroelectronics FLC02-200D Datasheet HTML 3Page - STMicroelectronics FLC02-200D Datasheet HTML 4Page - STMicroelectronics FLC02-200D Datasheet HTML 5Page - STMicroelectronics FLC02-200D Datasheet HTML 6Page - STMicroelectronics FLC02-200D Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
BASIC APPLICATION
Rs
D
T
s
c
D
Th
Z
R
Ic
AC
MAINS
Ic
t
Sensor
The applications of the FLC02 using the capaci-
tance discharge topology operate in 2 modes :
- Ignition mode : Transistor T is OFF
- Blanking mode : Transistor T is ON
1) IGNITION MODE (Transistor TOFF)
PHASE 1:
The energy coming from the mains is stored into
the capacitorC. For that, the AC voltage is rectified
by the diode Ds.
PHASE 2 :
At the end of the phase 1, the voltage across the
capacitor C reaches the avalanche threshold of
the zener. Then a current flows through the gate of
the thyristor Th which fires.
The firing of the thyristor causes an alternating cur-
rent to flow through the capacitor C.
The positive parts of this current flow through C, Th
and the primary of the HV transformer.
The negativeparts of the current flow through C, D
and the primary of the HV transformer.
RS RESISTOR CALCULATION
The Rs resistor allows, in addition with the capaci-
tor C, to adjust the spark frequency and to limitate
the current from the mains. Its value shall allow
the thyristor Th to fire even in the worst case. In
this borderline case the system must fire with the
lower RMS mains voltage value while the break-
down voltage and current of the FLC are at the
maximum.
The maximum Rs value is equal to :
Rsmax
=
(VAC min x √2 )− VBO max
IBO1 max
®
FLC02-200D
4/7



Html Pages

1 2 3 4 5 6 7