Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FLC02-200D Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce FLC02-200D
Description  FIRE LIGHTER CIRCUIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FLC02-200D Fiches technique(HTML) 2 Page - STMicroelectronics

  FLC02-200D Datasheet HTML 1Page - STMicroelectronics FLC02-200D Datasheet HTML 2Page - STMicroelectronics FLC02-200D Datasheet HTML 3Page - STMicroelectronics FLC02-200D Datasheet HTML 4Page - STMicroelectronics FLC02-200D Datasheet HTML 5Page - STMicroelectronics FLC02-200D Datasheet HTML 6Page - STMicroelectronics FLC02-200D Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Symbol
Parameter
Value
Unit
Rth(j-a)
Thermal resistance junction to ambient
100
°C/W
THERMAL RESISTANCE
ORDERING INFORMATION
FLC
02 - 200
D
FIRE LIGHTER CIRCUIT
PACKAGE D : SOT82
VRM 200 = 200 V
CIRCUIT NUMBER : 02 = scr + diode + zener + resistance
(gate connected to pin 3)
Symbol
Parameter
Value
Unit
ITRM
Repetitive surge peak on state current for thyristor
tp = 10
µs
( note 1)
150
A
IFRM
Repetitive surge peak on state current for diode
ITSM
Non repetitive surge peak on state current
tp = 10ms
5
A
di/dt
Critical rate of rise time on state current
120
A/
µs
Tstg
Tj
Storage junction temperature range
Maximum junction temperature
- 40 to + 150
+ 125
°C
Toper
Operating temperature range
0+ 90
°C
TL
Maximum lead temperature for soldering during 10s
260
°C
Note 1 : Test current waveform
ABSOLUTE RATINGS (limiting values) : 0
°C< Tamb <90°C
200ms
10 s
µ
®
FLC02-200D
2/7



Html Pages

1 2 3 4 5 6 7