Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FLC02-200D Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce FLC02-200D
Description  FIRE LIGHTER CIRCUIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FLC02-200D Fiches technique(HTML) 3 Page - STMicroelectronics

  FLC02-200D Datasheet HTML 1Page - STMicroelectronics FLC02-200D Datasheet HTML 2Page - STMicroelectronics FLC02-200D Datasheet HTML 3Page - STMicroelectronics FLC02-200D Datasheet HTML 4Page - STMicroelectronics FLC02-200D Datasheet HTML 5Page - STMicroelectronics FLC02-200D Datasheet HTML 6Page - STMicroelectronics FLC02-200D Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ELECTRICAL CHARACTERISTICS
Symbol
Parameters
VRM
Stand-off voltage
VBO
Breakover voltage
VT
On-state voltage drop
VF
Diode voltage drop
IRM
Leakage current
IBO
Breakover current
I
I
F
VF
V
T
IRM
IBO
IBO
I T
VRM
V
BO
V
1
2
Symbol
Test Conditions
Value
Unit
VF
IF =2A
tp
≤ 1 ms
Tj=25
°C
MAX
1.7
V
DIODE (D) PARAMETER
Symbol
Test conditions
Value
Unit
IRM
VRM = 200 V
Tj = 25
°CMAX
10
µA
Tj = 120
°C
MAX
100
µA
VBO
at IBO1
Pin 3 (gate) open
Tj = 25
°C
MAX
250
V
IBO 1at VBO
Pin 3 (gate) open
Tj = 25
°C
MAX
0.5
mA
IBO 2at VBO
Pin 1 (cathode) and pin 3 (gate) in c/c
Tj = 25
°C
MIN
40
mA
VT
IT =2A
tp
≤ 1ms
Tj = 25
°C
MAX
1.7
V
THYRISTOR (Th) and ZENER (Z) PARAMETERS
Fig.1 : Relative variation of breakover current (IBO) versus junction temperature
0
204060
80
0.4
0.6
0.8
1
1.2
1.4
Tj (
°C)
Ibo (Tj) / Ibo (25
°C)
IbO2
IbO1
®
FLC02-200D
3/7



Html Pages

1 2 3 4 5 6 7