| Moteur de recherche de fiches techniques de composants électroniques |
|
STA680D Fiches technique(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA680D Fiches technique(HTML) 28 Page - STMicroelectronics |
|
28 / 48 page ![]() Digital I/O and memory interfaces STA680 28/48 DS5877 Rev 13 5 Digital I/O and memory interfaces 5.1 Interfaces: LFBGA vs. TFBGA STA680 supported interfaces are listed in Table 5 (a). a. STA680 firmware determines actual feature availability. Refer to the STA680 firmware Release Notes. Table 5. Interface list Interface name Direction LFBGA TFBGA Baseband interface 1 I √√ Baseband interface 2 (data only) I √√ I2S audio input I √√ I2S audio output O √√ I2C primary interface (Micro) I/O √√ I2C secondary Interface I/O √√ SPI micro interface I/O √√ SPI Flash interface (double chip select) I/O √√ SPI Flash interface extension (up to 4 chip select) I/O √√ SDRAM interface I/O √√ UART interface I/O √√ 4 GPIO lines I/O √√ JTAG test interface (boundary scan only) I/O √√ |