Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA680D Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce STA680D
Description  Automotive HD Radio™ baseband receiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA680D Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button STA680D Datasheet HTML 2Page - STMicroelectronics STA680D Datasheet HTML 3Page - STMicroelectronics STA680D Datasheet HTML 4Page - STMicroelectronics STA680D Datasheet HTML 5Page - STMicroelectronics STA680D Datasheet HTML 6Page - STMicroelectronics STA680D Datasheet HTML 7Page - STMicroelectronics STA680D Datasheet HTML 8Page - STMicroelectronics STA680D Datasheet HTML 9Page - STMicroelectronics STA680D Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
Block diagram and pin description
STA680
6/48
DS5877 Rev 13
1
Block diagram and pin description
1.1
Block diagram
Figure 1. Functional block diagram
1.2
Ball-out description
The STA680 is available in two different packages. It comes in a 12x12 mm LFBGA with 168
balls with 0.8 mm pitch and in 15x15 mm TFBGA with 289 balls with 0.8 mm pitch.
TFBGA289 package option offers ball-to-ball compatibility with STA660 DAB/DRM digital
decoder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48