Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA680D Fiches technique(PDF) 45 Page - STMicroelectronics

No de pièce STA680D
Description  Automotive HD Radio™ baseband receiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA680D Fiches technique(HTML) 45 Page - STMicroelectronics

Back Button STA680D Datasheet HTML 40Page - STMicroelectronics STA680D Datasheet HTML 41Page - STMicroelectronics STA680D Datasheet HTML 42Page - STMicroelectronics STA680D Datasheet HTML 43Page - STMicroelectronics STA680D Datasheet HTML 44Page - STMicroelectronics STA680D Datasheet HTML 45Page - STMicroelectronics STA680D Datasheet HTML 46Page - STMicroelectronics STA680D Datasheet HTML 47Page - STMicroelectronics STA680D Datasheet HTML 48Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
DS5877 Rev 13
45/48
STA680
Package information
47
Table 22. TFBGA289 (15x15x1.2 mm) package mechanical data
Ref
Dimensions
Millimeters
Inches(1)
1. Values in inches are converted from mm and rounded to 4 decimal digits.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
-
-
1.200
-
-
0.0472
A1
0.210
-
-
0.0083
-
-
A2
-
0.200
-
-
0.0079
-
A4
-
-
0.620
-
-
0.0244
b
0.350
0.400
0.480
0.0138
0.0157
0.0189
D
14.850
15.000
15.150
0.5846
0.5906
0.5965
D1
-
12.800
-
-
0.5039
-
E
14.850
15.000
15.150
0.5846
0.5906
0.5965
E1
-
12.800
-
-
0.5039
-
e
-
0.800
-
-
0.0315
-
Z
-
1.100
-
-
0.0433
-
ddd
-
-
0.100
-
-
0.0039
eee
-
-
0.150
-
-
0.0059
fff
-
-
0.080
-
-
0.0031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48