| Moteur de recherche de fiches techniques de composants électroniques |
|
STA680 Fiches technique(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA680 Fiches technique(HTML) 42 Page - STMicroelectronics |
|
42 / 48 page ![]() Package information STA680 42/48 DS5877 Rev 13 7 Package information In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages, depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product status are available at: www.st.com. ECOPACK is an ST trademark. 7.1 LFBGA168 (12x12x1.4 mm) package information Figure 14. LFBGA168 (12x12x1.4 mm) package outline |