| Moteur de recherche de fiches techniques de composants électroniques |
|
STA680 Fiches technique(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA680 Fiches technique(HTML) 19 Page - STMicroelectronics |
|
19 / 48 page ![]() DS5877 Rev 13 19/48 STA680 Block diagram and pin description 47 1.2.4 I/Os supply groups The STA680 I/O signals can be grouped into three different supply domains, as shown in (see Table 2): Generic IO supply Flash IO supply SDRAM IO supply group In the LFBGA and TFBGA packages the three supply groups operate at 3.3 V. |