Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA680 Fiches technique(PDF) 28 Page - STMicroelectronics

No de pièce STA680
Description  Automotive HD Radio™ baseband receiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA680 Fiches technique(HTML) 28 Page - STMicroelectronics

Back Button STA680 Datasheet HTML 24Page - STMicroelectronics STA680 Datasheet HTML 25Page - STMicroelectronics STA680 Datasheet HTML 26Page - STMicroelectronics STA680 Datasheet HTML 27Page - STMicroelectronics STA680 Datasheet HTML 28Page - STMicroelectronics STA680 Datasheet HTML 29Page - STMicroelectronics STA680 Datasheet HTML 30Page - STMicroelectronics STA680 Datasheet HTML 31Page - STMicroelectronics STA680 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
Digital I/O and memory interfaces
STA680
28/48
DS5877 Rev 13
5
Digital I/O and memory interfaces
5.1
Interfaces: LFBGA vs. TFBGA
STA680 supported interfaces are listed in Table 5 (a).
a. STA680 firmware determines actual feature availability. Refer to the STA680 firmware Release Notes.
Table 5. Interface list
Interface name
Direction
LFBGA
TFBGA
Baseband interface 1
I
√√
Baseband interface 2 (data only)
I
√√
I2S audio input
I
√√
I2S audio output
O
√√
I2C primary interface (Micro)
I/O
√√
I2C secondary Interface
I/O
√√
SPI micro interface
I/O
√√
SPI Flash interface (double chip select)
I/O
√√
SPI Flash interface extension (up to 4 chip select)
I/O
√√
SDRAM interface
I/O
√√
UART interface
I/O
√√
4 GPIO lines
I/O
√√
JTAG test interface (boundary scan only)
I/O
√√



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48