| Moteur de recherche de fiches techniques de composants électroniques |
|
STA109X Fiches technique(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA109X Fiches technique(HTML) 23 Page - STMicroelectronics |
|
23 / 127 page ![]() DS13319 Rev 2 23/127 STA108x, STA109x Signal description 126 SAI1_FS GPIO20 B11 I VDD_IO SAI1. Serial Audio Interface 1 frame synchronization line. Slave only configuration. SAI1_RX GPIO21 A10 I VDD_IO SAI1. Serial Audio Interface 1 receive data line. SAI2_BCLK GPIO16 C9 I VDD_IO SAI2. Serial Audio Interface 2 bit clock line. Slave configuration only. SAI2_FS GPIO17 D10 I VDD_IO SAI2. Serial Audio Interface 2 frame synchronization line. Slave only configuration. SAI2_RX/TX GPIO7 GPIO18 B10 D11 I/O VDD_IO SAI2. Serial Audio Interface 2 receive/transmit data line . SAI3_BCLK GPIO8 A9 O VDD_IO SAI3. Serial Audio Interface 3 bit clock SAI3_FS GPIO9 A8 O VDD_IO SAI3. Serial Audio Interface 3 frame synchronization line. SAI3_RX0 GPIO13 B8 I VDD_IO SAI3. Serial Audio Interface 3 receive data line 0. SAI3_RX1 GPIO14 A7 I VDD_IO SAI3. Serial Audio Interface 3 receive data line 1. SAI3_RX2 GPIO15 A6 I VDD_IO SAI3. Serial Audio Interface 3 receive data line 3. SAI3_TX0 GPIO10 C8 O VDD_IO SAI3. Serial Audio Interface 3 transmit data line 0. SAI3_TX1 GPIO11 D9 O VDD_IO SAI3. Serial Audio Interface 3 transmit data line 1. SAI3_TX2 GPIO12 B9 O VDD_IO SAI3. Serial Audio Interface 3 transmit data line 2. SAI4_BCLK GPIO0 A11 I/O VDD_IO SAI4. Serial Audio Interface 4 bit clock. SAI4_FS GPIO1 B12 I/O VDD_IO SAI4. Serial Audio Interface 4 frame synchronization line. SAI4_RX0 GPIO5 B13 I VDD_IO SAI4. Serial Audio Interface 4 receive data line 0. SAI4_RX1 GPIO13 B8 I VDD_IO SAI4. Serial Audio Interface 4 receive data line 1. SAI4_RX2 GPIO8 A9 I VDD_IO SAI4. Serial Audio Interface 4 receive data line 2. SAI4_TX0 GPIO2 C12 O VDD_IO SAI4. Serial Audio Interface 4 transmit data line 0. SAI4_TX1 GPIO3 D12 O VDD_IO SAI4. Serial Audio Interface 4 transmit data line 1. SAI4_TX2 GPIO4 C13 O VDD_IO SAI4. Serial Audio Interface 4 transmit data line 2. SPDIF_RX GPIO18 D11 I VDD_IO SPIDIF. Data input line. Table 5. Digital audio signals (continued) Name GPIOs Balls DIR Power domain Description |