Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA109X Fiches technique(PDF) 94 Page - STMicroelectronics

No de pièce STA109X
Description  Accordo2 family – Automotive dual core processor for car radio and display audio application
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA109X Fiches technique(HTML) 94 Page - STMicroelectronics

Back Button STA109X Datasheet HTML 90Page - STMicroelectronics STA109X Datasheet HTML 91Page - STMicroelectronics STA109X Datasheet HTML 92Page - STMicroelectronics STA109X Datasheet HTML 93Page - STMicroelectronics STA109X Datasheet HTML 94Page - STMicroelectronics STA109X Datasheet HTML 95Page - STMicroelectronics STA109X Datasheet HTML 96Page - STMicroelectronics STA109X Datasheet HTML 97Page - STMicroelectronics STA109X Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 127 page
background image
Ball list
STA108x, STA109x
94/127
DS13319 Rev 2
B3
GPIO35
PU
GPIO Input
GPIO Input
B4
GPIO34
PU
GPIO Input
GPIO Input
B5
GPIO44
PU
GPIO Input
GPIO Input
B6
SYSRSTn
PU
Input
Input
B7
M3_GPIO8
PU
GPIO Input
GPIO Input
B8
GPIO13
PU
GPIO Input
GPIO Input
B9
GPIO12
PU
GPIO Input
GPIO Input
B10
GPIO7
PU
GPIO Input
GPIO Input
B11
GPIO20
PU
GPIO Input
GPIO Input
B12
GPIO1
PU
GPIO Input
GPIO Input
B13
GPIO5
PU
GPIO Input
GPIO Input
B14
M3_LVI
Disabled
Input
Input
B15
M3_PWREN
-
Output
Output
B16
M3_GPIO2
PD
GPIO Input
GPIO Input
B17
DAC_VHI
-
NA
NA
B18
DAC_OUT1L
-
Output
Output
B19
DAC_OUT2R
-
Output
Output
C1
M3_GPIO11
PU
GPIO Input
GPIO Input
C2
SQI_SIO3
PU
Input
Input
C3
M3_GPIO14
PU
GPIO Input
GPIO Input
C4
GPIO45
PU
GPIO Input
GPIO Input
C5
S_GPIO2
PU
GPIO Input
GPIO Input
C6
M3_GPIO9
PU
GPIO Input
GPIO Input
C7
I2C0_SCL
PU
Input
Input
C8
GPIO10
PU
GPIO Input
GPIO Input
C9
GPIO16
PU
GPIO Input
GPIO Input
C10
GPIO19
PU
GPIO Input
GPIO Input
C11
M3_GPIO12
PU
GPIO Input
GPIO Input
C12
GPIO2
PU
GPIO Input
GPIO Input
C13
GPIO4
PU
GPIO Input
GPIO Input
C14
M3_SXTALI
-
Input
Input
C15
M3_GPIO0
PD
GPIO Input
GPIO Input
C16
M3_GPIO3
PD
GPIO Input
GPIO Input
C17
DAC_VLO
-
NA
NA
Table 55. STA108x Ball list (continued)
Ball
Ball name
Pull
up/down
RESET DIR
(REMAP[1:0]=00,01,10)
RESET DIR
(REMAP[1:0]=11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More