| Moteur de recherche de fiches techniques de composants électroniques |
|
STA109X Fiches technique(PDF) 93 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA109X Fiches technique(HTML) 93 Page - STMicroelectronics |
|
93 / 127 page ![]() DS13319 Rev 2 93/127 STA108x, STA109x Ball list 126 5 Ball list Legenda: PU: under reset and out of reset, until software different programming, defaults to pull- up. PD: under reset and out of reset, until software different programming, defaults to pull- down. Disabled: under reset and out of reset, until software different programming, pull is disabled. - : pull (up or down) is not implemented. RESET DIR: direction under reset and out of reset, until software different programming. 5.1 STA1080, STA1085 Ball list Table 55. STA108x Ball list Ball Ball name Pull up/down RESET DIR (REMAP[1:0]=00,01,10) RESET DIR (REMAP[1:0]=11) A1 OTP_FUSE_HV - NA NA A2 GPIO41 PU GPIO Input GPIO Input A3 GPIO42 PU GPIO Input GPIO Input A4 GPIO43 PU GPIO Input GPIO Input A5 S_GPIO3 PU GPIO Input GPIO Input A6 GPIO15 PU GPIO Input GPIO Input A7 GPIO14 PU GPIO Input GPIO Input A8 GPIO9 PU GPIO Input GPIO Input A9 GPIO8 PU GPIO Input GPIO Input A10 GPIO21 PU GPIO Input GPIO Input A11 GPIO0 PU GPIO Input GPIO Input A12 M3_GPIO13 PU GPIO Input GPIO Input A13 M3_ONOFF Disabled Input Input A14 M3_VDDOK Disabled Input Input A15 M3_IGNKEY Disabled Input Input A16 M3_GPIO5 PD GPIO Input GPIO Input A17 M3_GPIO6 PD GPIO Input GPIO Input A18 M3_GPIO7 PD GPIO Input GPIO Input A19 GND - NA NA B1 GPIO40 PU GPIO Input GPIO Input B2 M3_GPIO15 PU GPIO Input GPIO Input |