Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA109X Fiches technique(PDF) 110 Page - STMicroelectronics

No de pièce STA109X
Description  Accordo2 family – Automotive dual core processor for car radio and display audio application
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA109X Fiches technique(HTML) 110 Page - STMicroelectronics

Back Button STA109X Datasheet HTML 106Page - STMicroelectronics STA109X Datasheet HTML 107Page - STMicroelectronics STA109X Datasheet HTML 108Page - STMicroelectronics STA109X Datasheet HTML 109Page - STMicroelectronics STA109X Datasheet HTML 110Page - STMicroelectronics STA109X Datasheet HTML 111Page - STMicroelectronics STA109X Datasheet HTML 112Page - STMicroelectronics STA109X Datasheet HTML 113Page - STMicroelectronics STA109X Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 127 page
background image
Ball list
STA108x, STA109x
110/127
DS13319 Rev 2
L13
VDD_IO
-
NA
NA
L14
USB0_VDD3V3
-
NA
NA
L15
USB_KELVIN_TERM
-
NA
NA
L16
COMP0
-
NA
NA
L17
USB1_AGND
-
NA
NA
L18
USB0_DN
-
NA
NA
L19
USB0_DP
-
NA
NA
M1
GPIO30
PU
GPIO Input
GPIO Input
M2
GPIO33
PU
GPIO Input
GPIO Input
M3
GPIO32
PU
GPIO Input
GPIO Input
M4
GPIO31
PU
GPIO Input
GPIO Input
M5
VDD
-
NA
NA
M6
VDD_IO
-
NA
NA
M7
VDD_IO
-
NA
NA
M8
VDD_IO
-
NA
NA
M9
VDD_IO
-
NA
NA
M10
VDD_IO
-
NA
NA
M11
VDD_IO
-
NA
NA
M12
VDD_IO
-
NA
NA
M13
VDD_IO
-
NA
NA
M14
VDD_IO
-
NA
NA
M15
PLL_GND
-
NA
NA
M16
XOSC_VDD
-
NA
NA
M17
VREG_BYPASS
-
Input
Input
M18
USB_REXT
-
NA
NA
M19
GPIO28
PU
GPIO Input
GPIO Input
N1
SPI0_SCK
-
Output
Output
N2
SPI0_SS
PU
Input
Input
N3
SPI0_RXD
PU
Input
Input
N4
SPI0_TXD
PU
Input
Input
N5
VDD
-
NA
NA
N6
VDD
-
NA
NA
N7
VDD_IO
-
NA
NA
N8
VDD_IO
-
NA
NA
Table 56. STA109x Ball list (continued)
Ball
Ball name
Pull
up/down
RESET DIR
(REMAP[1:0]=00,01,10)
RESET DIR
(REMAP[1:0]=11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More