Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA108X Fiches technique(PDF) 124 Page - STMicroelectronics

No de pièce STA108X
Description  Accordo2 family – Automotive dual core processor for car radio and display audio application
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA108X Fiches technique(HTML) 124 Page - STMicroelectronics

Back Button STA108X Datasheet HTML 119Page - STMicroelectronics STA108X Datasheet HTML 120Page - STMicroelectronics STA108X Datasheet HTML 121Page - STMicroelectronics STA108X Datasheet HTML 122Page - STMicroelectronics STA108X Datasheet HTML 123Page - STMicroelectronics STA108X Datasheet HTML 124Page - STMicroelectronics STA108X Datasheet HTML 125Page - STMicroelectronics STA108X Datasheet HTML 126Page - STMicroelectronics STA108X Datasheet HTML 127Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 124 / 127 page
background image
Package information
STA108x, STA109x
124/127
DS13319 Rev 2
Table 57. LFBGA361 (16x16x1.7 mm) package mechanical data
Ref
Dimensions
Millimeters
Inches(1)
1. Values in inches are converted from mm and rounded to 4 decimal digits.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
-
-
1.7
-
-
0.0669
A1
0.25
-
-
0.0098
-
-
A2
-
0.3
-
-
0.0118
-
A4
-
-
0.8
-
-
0.0315
b
0.35
0.4
0.48
0.0138
0.0157
0.0189
D
15.85
16
16.15
0.624
0.6299
0.6358
D1
-
14.4
-
-
0.5669
-
E
15.85
16
16.15
0.624
0.6299
0.6358
E1
-
14.4
-
-
0.5669
-
e
-
0.8
-
-
0.0315
-
Z
-
0.8
-
-
0.0315
-
ddd
-
-
0.1
-
-
0.0039
eee
-
-
0.15
-
-
0.0059
fff
-
-
0.08
-
-
0.0031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More