Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPC563M60L7 Fiches technique(PDF) 42 Page - STMicroelectronics

No de pièce SPC563M60L7
Description  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M60L7 Fiches technique(HTML) 42 Page - STMicroelectronics

Back Button SPC563M60L7 Datasheet HTML 38Page - STMicroelectronics SPC563M60L7 Datasheet HTML 39Page - STMicroelectronics SPC563M60L7 Datasheet HTML 40Page - STMicroelectronics SPC563M60L7 Datasheet HTML 41Page - STMicroelectronics SPC563M60L7 Datasheet HTML 42Page - STMicroelectronics SPC563M60L7 Datasheet HTML 43Page - STMicroelectronics SPC563M60L7 Datasheet HTML 44Page - STMicroelectronics SPC563M60L7 Datasheet HTML 45Page - STMicroelectronics SPC563M60L7 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 128 page
background image
Pinout and signal description
SPC563M64x, SPC563M60x
42/128
DocID14642 Rev 12
Figure 2. 144-pin LQFP pinout (top view)
144-Pin
LQFP
AN[18]
AN[17]
AN[16]
AN[11] / ANZ
AN[9] / ANX
VDDA
VSSA
AN[39] / AN[10] / ANY
AN[38] / AN[8] / ANW
VDDREG
VRCCTL
VSTBY
VRC33
(see signal details, pin 14)
(see signal details, pin 15)
eTPU_A[29] / DSPI_C_PCS[2] / GPIO[143]
eTPU_A[28] / DSPI_C_PCS[1] / GPIO[142]
(see signal details, pin 18)
(see signal details, pin 19)
(see signal details, pin 20)
(see signal details, pin 21)
VSS
(see signal details, pin 23)
VDDEH1A
(see signal details, pin 25)
VDD
eTPU_A[21] / IRQ[9] / GPIO[135]
eTPU_A[20] / IRQ[8] / GPIO[134]
eTPU_A[19] / GPIO[133]
eTPU_A[18] / GPIO[132]
eTPU_A[17] / GPIO[131]
eTPU_A[16] / GPIO[130]
eTPU_A[15] / DSPI_B_PCS[5] / GPIO[129]
VDDEH1B
(see signal details, pin 35)
VSS
TMS
TDI / eMIOS[5] / GPIO[232]
EVTO / eTPU_A[4] / GPIO[227]
TCK
VSS
EVTI / eTPU_A[2] / GPIO[231]
VDDEH7
MSEO[1] / eTPU_A[29] / GPIO[225]
TDO / eMIOS[6] / GPIO[228]
MCKO / GPIO[219]
JCOMP
DSPI_B_PCS[3] / DSPI_C_SIN / GPIO[108]
DSPI_B_SOUT / DSPI_C_PCS[5] / GPIO[104]
DSPI_B_SIN / DSPI_C_PCS[2] / GPIO[103]
DSPI_B_PCS[0] / GPIO[105]
VDDEH6B
DSPI_B_PCS[1] / GPIO[106]
VSS
DSPI_B_PCS[2] / DSPI_C_SOUT / GPIO[107]
DSPI_B_SCK / DSPI_C_PCS[1] / GPIO[102]
DSPI_B_PCS[4] / DSPI_C_SCK / GPIO[109]
DSPI_B_PCS[5] / DSPI_C_PCS[0] / GPIO[110]
VDD
RSTOUT
CAN_C_TX / GPIO[87]
SCI_A_TX / eMIOS[13] / GPIO[89]
SCI_A_RX / eMIOS[15] / GPIO[90]
CAN_C_RX / GPIO[88]
RESET
VSS
VDDEH6A
VSSPLL
XTAL
EXTAL / EXTCLK
VDDPLL
VSS
108
107
106
105
104
103
102
101
100
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
83
82
81
80
79
78
77
76
75
74
73
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
signal details:
pin 14: eTPU_A[31] / DSPI_C_PCS[4] / eTPU_A[13] / GPIO[145]
pin 15: eTPU_A[30] / DSPI_C_PCS[3] / eTPU_A[11] / GPIO[144]
pin 18: eTPU_A[27] / IRQ[15] / DSPI_C_SOUT_LVDS+ / DSPI_B_SOUT /
GPIO[141]
pin 19: eTPU_A[26] / IRQ[14] / DSPI_C_SOUT_LVDS– / GPIO[140]
pin 20: eTPU_A[25] / IRQ[13] / SCK_C_LVDS+ / GPIO[139]
pin 21: eTPU_A[24] / IRQ[12] / SCK_C_LVDS– / GPIO[138]
pin 23: eTPU_A[23] / IRQ[11] / eTPU_A[21] / GPIO[137]
pin 25: eTPU_A[22] / IRQ[10] / eTPU_A[17] / GPIO[136]
pin 35: eTPU_A[14] / DSPI_B_PCS[4] / eTPU_A[9] / GPIO[128]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More