Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPC563M60L7 Fiches technique(PDF) 45 Page - STMicroelectronics

No de pièce SPC563M60L7
Description  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M60L7 Fiches technique(HTML) 45 Page - STMicroelectronics

Back Button SPC563M60L7 Datasheet HTML 41Page - STMicroelectronics SPC563M60L7 Datasheet HTML 42Page - STMicroelectronics SPC563M60L7 Datasheet HTML 43Page - STMicroelectronics SPC563M60L7 Datasheet HTML 44Page - STMicroelectronics SPC563M60L7 Datasheet HTML 45Page - STMicroelectronics SPC563M60L7 Datasheet HTML 46Page - STMicroelectronics SPC563M60L7 Datasheet HTML 47Page - STMicroelectronics SPC563M60L7 Datasheet HTML 48Page - STMicroelectronics SPC563M60L7 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 128 page
background image
WKPCFG
NMI
DSPI_B_SOUT
GPIO[213]
Weak Pull Config. Input
Non-Maskable Interrupt
DSPI_B Data Output
GPIO
PCR[213]
01
11
10
00
I
I
O
I/O
VDDEH6a
Slow
WKPCFG /
Up
– / Up
71
86
Calibration(8)
CAL_ADDR[12:15](9)
Calibration Address Bus
PCR[340]
—
O
VDDE12
Fast
O / Low
CAL_ADDR /
Low
——
CAL_ADDR[16](18)
ALT_MDO[0](10)
Calibration Address Bus
Nexus Msg Data Out
PCR[345]
—
O
O
VDDE12(11)
Fast
O / Low(12)
MDO /
ALT_ADDR(10) /
Low
—17
CAL_ADDR[17](18)
ALT_MDO[1](10)
Calibration Address Bus
Nexus Msg Data Out
PCR[345]
—
O
O
VDDE12(11)
Fast
O / Low(12)
ALT_MDO /
CAL_ADDR(10) /
Low
—18
CAL_ADDR[18](18)
ALT_MDO[2](10)
Calibration Address Bus
Nexus Msg Data Out
PCR[345]
—
O
O
VDDE12(11)
Fast
O / Low(12)
ALT_MDO /
CAL_ADDR(10) /
Low
—19
CAL_ADDR[19](18)
ALT_MDO[3](10)
Calibration Address Bus
Nexus Msg Data Out
PCR[345]
—
O
O
VDDE12(11)
Fast
O / Low(12)
ALT_MDO /
CAL_ADDR(10) /
Low
—20
CAL_ADDR[20:27]
ALT_MDO[4:11]
Calibration Address Bus
Nexus Msg Data Out
PCR[345]
—
O
O
VDDE12(11)
Fast
O / Low
ALT_MDO /
CAL_ADDR(13) /
Low
——
CAL_ADDR[28](18)
ALT_MSEO[0](10)
Calibration Address Bus
Nexus Msg Start/End Out
PCR[345]
—
O
O
VDDE12(11)
Fast
O / Low(14)
ALT_MSEO(13) /
CAL_ADDR(14)/
Low
—118
CAL_ADDR[29](18)
ALT_MSEO[1](10)
Calibration Address Bus
Nexus Msg Start/End Out
PCR[345]
—
O
O
VDDE12(11)
Fast
O / Low(14)
ALT_MSEO(13) /
CAL_ADDR(14)/
Low
—117
Table 4. SPC563Mx signal properties (continued)
Name
Function(1)
Pad
Config.
Register
(PCR)(2)
PCR PA
Field(3)
I/O
Type
Voltage(4) /
Pad Type
Reset
State(5)
Function / State
After Reset(6)
Pin No.
LQFP
144
LQFP
176



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More