Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPC563M64L5 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce SPC563M64L5
Description  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M64L5 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button SPC563M64L5 Datasheet HTML 17Page - STMicroelectronics SPC563M64L5 Datasheet HTML 18Page - STMicroelectronics SPC563M64L5 Datasheet HTML 19Page - STMicroelectronics SPC563M64L5 Datasheet HTML 20Page - STMicroelectronics SPC563M64L5 Datasheet HTML 21Page - STMicroelectronics SPC563M64L5 Datasheet HTML 22Page - STMicroelectronics SPC563M64L5 Datasheet HTML 23Page - STMicroelectronics SPC563M64L5 Datasheet HTML 24Page - STMicroelectronics SPC563M64L5 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 128 page
background image
DocID14642 Rev 12
21/128
SPC563M64x, SPC563M60x
Overview
127
based upon the ID of the last master to be granted access. The crossbar provides the
following features:
3 master ports:
–
e200z335 core complex Instruction port
–
e200z335 core complex Load/Store port
–eDMA
4 slave ports
–
FLASH
–
Calibration bus
–SRAM
–
Peripheral bridge A/B (eTPU2, eMIOS, SIU, DSPI, eSCI, FlexCAN, eQADC, BAM,
decimation filter, PIT, STM and SWT)
32-bit internal address, 64-bit internal data paths
2.3.3
eDMA
The enhanced direct memory access (eDMA) controller is a second-generation module
capable of performing complex data movements via 32 programmable channels, with
minimal intervention from the host processor. The hardware micro architecture includes a
DMA engine which performs source and destination address calculations, and the actual
data movement operations, along with an SRAM-based memory containing the transfer
control descriptors (TCD) for the channels. This implementation is utilized to minimize the
overall block size. The eDMA module provides the following features:
All data movement via dual-address transfers: read from source, write to destination
Programmable source and destination addresses, transfer size, plus support for
enhanced addressing modes
Transfer control descriptor organized to support two-deep, nested transfer operations
An inner data transfer loop defined by a “minor” byte transfer count
An outer data transfer loop defined by a “major” iteration count
Channel activation via one of three methods:
–
Explicit software initiation
–
Initiation via a channel-to-channel linking mechanism for continuous transfers
–
Peripheral-paced hardware requests (one per channel)
Support for fixed-priority and round-robin channel arbitration
Channel completion reported via optional interrupt requests
1 interrupt per channel, optionally asserted at completion of major iteration count
Error termination interrupts are optionally enabled
Support for scatter/gather DMA processing
Channel transfers can be suspended by a higher priority channel
2.3.4
Interrupt controller
The INTC (interrupt controller) provides priority-based preemptive scheduling of interrupt
requests, suitable for statically scheduled hard real-time systems. The INTC allows interrupt
request servicing from up to 191 peripheral interrupt request sources, plus 165 sources
reserved for compatibility with other family members).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More