Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPC563M64L5 Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce SPC563M64L5
Description  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M64L5 Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button SPC563M64L5 Datasheet HTML 3Page - STMicroelectronics SPC563M64L5 Datasheet HTML 4Page - STMicroelectronics SPC563M64L5 Datasheet HTML 5Page - STMicroelectronics SPC563M64L5 Datasheet HTML 6Page - STMicroelectronics SPC563M64L5 Datasheet HTML 7Page - STMicroelectronics SPC563M64L5 Datasheet HTML 8Page - STMicroelectronics SPC563M64L5 Datasheet HTML 9Page - STMicroelectronics SPC563M64L5 Datasheet HTML 10Page - STMicroelectronics SPC563M64L5 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 128 page
background image
DocID14642 Rev 12
7/128
SPC563M64x, SPC563M60x
Introduction
127
1
Introduction
1.1
Document overview
This document provides an overview and describes the features of the SPC563Mxx series
of Microcontroller Units (MCUs). For functional characteristics, refer to the device reference
manual. Electrical specifications and package mechanical drawings are included in this
device data sheet. Pin assignments can be found in both the reference manual and data
sheet.
1.2
Description
These 32-bit automotive microcontrollers are a family of System-on-Chip (SoC) devices that
contain many new features coupled with high performance 90 nm CMOS technology to
provide substantial reduction of cost per feature and significant performance improvement.
The advanced and cost-efficient host processor core of this automotive controller family is
built on Power Architecture® technology. This family contains enhancements that improve
the architecture’s fit in embedded applications, includes additional instruction support for
Digital Signal Processing (DSP), integrates technologies—such as an enhanced time
processor unit, enhanced queued analog-to-digital converter, Controller Area Network, and
an enhanced modular input-output system—that are important for today’s lower-end
powertrain applications. The device has a single level of memory hierarchy consisting of up
to 94 KB on-chip SRAM and up to 1.5 MB of internal flash memory. The device also has an
External Bus Interface (EBI) for ‘calibration’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More