Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPC563M64L5 Fiches technique(PDF) 17 Page - STMicroelectronics

No de pièce SPC563M64L5
Description  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M64L5 Fiches technique(HTML) 17 Page - STMicroelectronics

Back Button SPC563M64L5 Datasheet HTML 13Page - STMicroelectronics SPC563M64L5 Datasheet HTML 14Page - STMicroelectronics SPC563M64L5 Datasheet HTML 15Page - STMicroelectronics SPC563M64L5 Datasheet HTML 16Page - STMicroelectronics SPC563M64L5 Datasheet HTML 17Page - STMicroelectronics SPC563M64L5 Datasheet HTML 18Page - STMicroelectronics SPC563M64L5 Datasheet HTML 19Page - STMicroelectronics SPC563M64L5 Datasheet HTML 20Page - STMicroelectronics SPC563M64L5 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 128 page
background image
DocID14642 Rev 12
17/128
SPC563M64x, SPC563M60x
Overview
127
–
Angular Decimation. The ability of the eQADC to sample an analog waveform in
the time domain, perform Finite Impulse Response (FIR) or Infinite Impulse
Response (IIR) filtering also in the time domain, but to down sample the results in
the angle domain. Resulting in a time domain filtered result at a given engine
angle.
–
Priority Based CFIFOs
– Supports six CFIFOs with fixed priority. The lower the CFIFO number, the
higher its priority. When commands of distinct CFIFOs are bound for the
same CBuffer, the higher priority CFIFO is always served first.
– Supports software and several hardware trigger modes to arm a particular
CFIFO
– Generates interrupt when command coherency is not achieved
–
External Hardware Triggers
– Supports rising edge, falling edge, high level and low level triggers
– Supports configurable digital filter
–
Supports four external 8-to-1 muxes which can expand the input channel number
from 34(c) to 59
Two deserial serial peripheral interface modules (DSPI)
–SPI
– Full duplex communication ports with interrupt and DMA request support
– Support for queues in RAM
– 6 chip selects, expandable to 64 with external demultiplexers
– Programmable frame size, baud rate, clock delay and clock phase on a per
frame basis
– Modified SPI mode for interfacing to peripherals with longer setup time
requirements
– LVDS option for output clock and data to allow higher speed communication
–
Deserial serial interface (DSI)
– Pin reduction by hardware serialization and deserialization of eTPU, eMIOS
channels and GPIO
– 32 bits per DSPI module
– Triggered transfer control and change in data transfer control (for reduced
EMI)
– Compatible with Microsecond Channel Version 1.0 downstream
Two enhanced serial communication interface (eSCI) modules
–
UART mode provides NRZ format and half or full duplex interface
–
eSCI bit rate up to 1 Mbps
–
Advanced error detection, and optional parity generation and detection
–
Word length programmable as 8, 9, 12 or 13 bits
–
Separately enabled transmitter and receiver
–
LIN support
–
DMA support
–
Interrupt request support
c.176-pin package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More