| Moteur de recherche de fiches techniques de composants électroniques |
|
SPC563M64L5 Fiches technique(PDF) 116 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC563M64L5 Fiches technique(HTML) 116 Page - STMicroelectronics |
|
116 / 128 page ![]() Packages SPC563M64x, SPC563M60x 116/128 DocID14642 Rev 12 5 Packages 5.1 ECOPACK® In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. 5.2 Package mechanical data 5.2.1 LQFP144 Figure 27. LQFP144 package mechanical drawing D1 D3 D E1 E3 E e Pin 1 identification 73 72 37 36 109 144 108 1 AA2 A1 b c A1 L L1 k Seating plane C ccc C 0.25 mm gage plane ME_1A |