Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM393DGKR.A Fiches technique(PDF) 34 Page - Texas Instruments

No de pièce LM393DGKR.A
Description  LM393B, LM2903B, LM193, LM293, LM393 and LM2903 Dual Comparators
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

LM393DGKR.A Fiches technique(HTML) 34 Page - Texas Instruments

Back Button LM393DGKR.A Datasheet HTML 30Page - Texas Instruments LM393DGKR.A Datasheet HTML 31Page - Texas Instruments LM393DGKR.A Datasheet HTML 32Page - Texas Instruments LM393DGKR.A Datasheet HTML 33Page - Texas Instruments LM393DGKR.A Datasheet HTML 34Page - Texas Instruments LM393DGKR.A Datasheet HTML 35Page - Texas Instruments LM393DGKR.A Datasheet HTML 36Page - Texas Instruments LM393DGKR.A Datasheet HTML 37Page - Texas Instruments LM393DGKR.A Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
26-Sep-2025
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
LM2903DGKR
VSSOP
DGK
8
2500
353.0
353.0
32.0
LM2903DR
SOIC
D
8
2500
340.5
338.1
20.6
LM2903DR
SOIC
D
8
2500
353.0
353.0
32.0
LM2903DR
SOIC
D
8
2500
353.0
353.0
32.0
LM2903DRG3
SOIC
D
8
2500
364.0
364.0
27.0
LM2903PSR
SO
PS
8
2000
353.0
353.0
32.0
LM2903PWR
TSSOP
PW
8
2000
353.0
353.0
32.0
LM2903PWRG3
TSSOP
PW
8
2000
364.0
364.0
27.0
LM2903PWRG4
TSSOP
PW
8
2000
353.0
353.0
32.0
LM2903VQDR
SOIC
D
8
2500
353.0
353.0
32.0
LM2903VQPWR
TSSOP
PW
8
2000
353.0
353.0
32.0
LM293ADGKR
VSSOP
DGK
8
2500
353.0
353.0
32.0
LM293ADR
SOIC
D
8
2500
353.0
353.0
32.0
LM293ADR
SOIC
D
8
2500
340.5
338.1
20.6
LM293ADR
SOIC
D
8
2500
353.0
353.0
32.0
LM293DGKR
VSSOP
DGK
8
2500
356.0
356.0
35.0
LM293DR
SOIC
D
8
2500
353.0
353.0
32.0
LM293DR
SOIC
D
8
2500
353.0
353.0
32.0
LM293DR
SOIC
D
8
2500
340.5
338.1
20.6
LM293DRG3
SOIC
D
8
2500
364.0
364.0
27.0
LM393ADGKR
VSSOP
DGK
8
2500
353.0
353.0
32.0
LM393ADR
SOIC
D
8
2500
353.0
353.0
32.0
LM393ADR
SOIC
D
8
2500
340.5
338.1
20.6
LM393ADR
SOIC
D
8
2500
353.0
353.0
32.0
LM393APSR
SO
PS
8
2000
353.0
353.0
32.0
LM393APWR
TSSOP
PW
8
2000
353.0
353.0
32.0
LM393BIDDFR
SOT-23-THIN
DDF
8
3000
210.0
185.0
35.0
LM393BIDDFRG4
SOT-23-THIN
DDF
8
3000
210.0
185.0
35.0
LM393BIDGKR
VSSOP
DGK
8
2500
353.0
353.0
32.0
LM393BIDR
SOIC
D
8
2500
353.0
353.0
32.0
LM393BIDRG4
SOIC
D
8
2500
353.0
353.0
32.0
LM393BIDSGR
WSON
DSG
8
3000
210.0
185.0
35.0
LM393BIDSGRG4
WSON
DSG
8
3000
210.0
185.0
35.0
LM393BIPWR
TSSOP
PW
8
2000
353.0
353.0
32.0
LM393DGKR
VSSOP
DGK
8
2500
353.0
353.0
32.0
LM393DGKR
VSSOP
DGK
8
2500
353.0
353.0
32.0
LM393DR
SOIC
D
8
2500
353.0
353.0
32.0
LM393DR
SOIC
D
8
2500
353.0
353.0
32.0
LM393DR
SOIC
D
8
2500
340.5
338.1
20.6
LM393DRG3
SOIC
D
8
2500
364.0
364.0
27.0
LM393PSR
SO
PS
8
2000
353.0
353.0
32.0
LM393PWR
TSSOP
PW
8
2000
353.0
353.0
32.0
LM393PWRG3
TSSOP
PW
8
2000
364.0
364.0
27.0
Pack Materials-Page 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56