| Moteur de recherche de fiches techniques de composants électroniques |
|
LM393DGKR.A Fiches technique(PDF) 26 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM393DGKR.A Fiches technique(HTML) 26 Page - Texas Instruments |
|
26 / 56 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 14-Oct-2025 Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) LM393ADR.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 LM393A LM393ADRG4 Obsolete Production SOIC (D) | 8 - - Call TI Call TI 0 to 70 LM393A LM393AP Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU | SN N/A for Pkg Type 0 to 70 LM393AP LM393AP.A Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU N/A for Pkg Type 0 to 70 LM393AP LM393AP.B Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU N/A for Pkg Type 0 to 70 LM393AP LM393APE4 Active Production PDIP (P) | 8 50 | TUBE - Call TI Call TI 0 to 70 LM393APSR Active Production SO (PS) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 L393A LM393APSR.A Active Production SO (PS) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 L393A LM393APWR Active Production TSSOP (PW) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 L393A LM393APWR.A Active Production TSSOP (PW) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 L393A LM393APWR.B Active Production TSSOP (PW) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 L393A LM393APWRG4 Obsolete Production TSSOP (PW) | 8 - - Call TI Call TI 0 to 70 L393A LM393BIDDFR Active Production SOT-23-THIN (DDF) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 393B LM393BIDDFR.B Active Production SOT-23-THIN (DDF) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 393B LM393BIDDFRG4 Active Production SOT-23-THIN (DDF) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 393B LM393BIDDFRG4.B Active Production SOT-23-THIN (DDF) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 393B LM393BIDGKR Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 393B LM393BIDGKR.A Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 393B LM393BIDGKR.B Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 393B LM393BIDR Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 LM393B LM393BIDR.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 LM393B LM393BIDR.B Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 LM393B LM393BIDRG4 Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 LM393B LM393BIDRG4.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 LM393B LM393BIDRG4.B Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 LM393B LM393BIDSGR Active Production WSON (DSG) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 393B LM393BIDSGR.A Active Production WSON (DSG) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 393B LM393BIDSGR.B Active Production WSON (DSG) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 393B LM393BIDSGRG4 Active Production WSON (DSG) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 393B LM393BIDSGRG4.A Active Production WSON (DSG) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 393B LM393BIDSGRG4.B Active Production WSON (DSG) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 393B Addendum-Page 4 |