| Moteur de recherche de fiches techniques de composants électroniques |
|
TDA7564BPD Fiches technique(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7564BPD Fiches technique(HTML) 28 Page - STMicroelectronics |
|
28 / 34 page ![]() Software specifications TDA7564B 28/34 Doc ID 12734 Rev 4 Table 11. DB4 Bit Instruction decoding bit D7 Thermal warning 2 active (D7 =1) T=140°C D6 Thermal warning 3 active (D6 =1) T=125°C D5 Channel RR Current detection IB2 (D7) = 0 Output peak current < 250 mA - Open load (D5 = 1) Output peak current > 500 mA - Normal load (D5 = 0) Channel RR Current detection IB2 (D7) = 1 Output peak current < 250 mA - Open load (D5 = 1) Output peak current > 500 mA - Normal load (D5 = 0) D4 Channel RR Turn-on diagnostic (D4 = 0) Permanent diagnostic (D4 = 1) D3 Channel RR Normal load (D3 = 0) Short load (D3 = 1) D2 Channel RR Turn-on diag.: No open load (D2 = 0) Open load detection (D2 = 1) Permanent diag.: No output offset (D2 = 0) Output offset detection (D2 = 1) D1 Channel RR No short to Vcc (D1 = 0) Short to Vcc (D1 = 1) D0 Channel RR No short to GND (D1 = 0) Short to GND (D1 = 1) |