Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7564BPD Fiches technique(PDF) 20 Page - STMicroelectronics

No de pièce TDA7564BPD
Description  4 x 50W multifunction quad power amplifier with built-in diagnostics feature
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7564BPD Fiches technique(HTML) 20 Page - STMicroelectronics

Back Button TDA7564BPD Datasheet HTML 16Page - STMicroelectronics TDA7564BPD Datasheet HTML 17Page - STMicroelectronics TDA7564BPD Datasheet HTML 18Page - STMicroelectronics TDA7564BPD Datasheet HTML 19Page - STMicroelectronics TDA7564BPD Datasheet HTML 20Page - STMicroelectronics TDA7564BPD Datasheet HTML 21Page - STMicroelectronics TDA7564BPD Datasheet HTML 22Page - STMicroelectronics TDA7564BPD Datasheet HTML 23Page - STMicroelectronics TDA7564BPD Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
Thermal protection
TDA7564B
20/34
Doc ID 12734 Rev 4
6
Thermal protection
Thermal protection is implemented through thermal foldback (Figure 29).
Thermal foldback begins limiting the audio input to the amplifier stage as the junction
temperatures rise above the normal operating range. This effectively limits the output power
capability of the device thus reducing the temperature to acceptable levels without totally
interrupting the operation of the device.
The output power will decrease to the point at which thermal equilibrium is reached.
Thermal equilibrium will be reached when the reduction in output power reduces the
dissipated power such that the die temperature falls below the thermal foldback threshold.
Should the device cool, the audio level will increase until a new thermal equilibrium is
reached or the amplifier reaches full power. Thermal foldback will reduce the audio output
level in a linear manner.
Three thermal warning are available through the I2C bus data.
Figure 29. Thermal foldback diagram
6.1
I2C programming/reading sequences
A correct turn on/off sequence respectful of the diagnostic timings and producing no audible
noises could be as follows (after battery connection):
Turn-on: (standby out + diag enable) --- 500 ms (min.) --- muting out
Turn-off: muting in --- 20 ms --- (diag disable + standby in)
Car radio Installation: diag enable (write) --- 200 ms --- I2C read (repeat until all faults
disappear).
AC test: feed h.f. tone -- AC diag enable (write) --- wait > 3 cycles --- I2C read
(repeat I2C reading until tweeter-off message disappears).
Offset test: device in play (no signal) -- offset enable - 30ms - I2C reading
(repeat I2C reading until high-offset message disappears).
Tj ( °C)
TH. SH.
START
TH. SH.
END
Vout
TH. WARN.
ON
Tj ( °C)
Vout
Tj ( °C)
SD
(with same input
signal)
< TSD
CD out
TH. WARN.
ON
TH. WARN.
ON
125°
140°
155°
> T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34