| Moteur de recherche de fiches techniques de composants électroniques |
|
INA199 Fiches technique(PDF) 31 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
INA199 Fiches technique(HTML) 31 Page - Texas Instruments |
|
31 / 42 page ![]() PACKAGE MATERIALS INFORMATION www.ti.com 16-Oct-2025 Device Package Type Package Drawing Pins SPQ Reel Diameter (mm) Reel Width W1 (mm) A0 (mm) B0 (mm) K0 (mm) P1 (mm) W (mm) Pin1 Quadrant INA199A2DCKT SC70 DCK 6 250 178.0 9.0 2.4 2.5 1.2 4.0 8.0 Q3 INA199A2DCKT SC70 DCK 6 250 180.0 8.4 2.47 2.3 1.25 4.0 8.0 Q3 INA199A2DCKT SC70 DCK 6 250 178.0 9.0 2.4 2.5 1.2 4.0 8.0 Q3 INA199A2DCKT SC70 DCK 6 250 180.0 8.4 2.3 2.5 1.2 4.0 8.0 Q3 INA199A2DCKT SC70 DCK 6 250 179.0 8.4 2.2 2.5 1.2 4.0 8.0 Q3 INA199A2DCKTG4 SC70 DCK 6 250 179.0 8.4 2.2 2.5 1.2 4.0 8.0 Q3 INA199A2DCKTG4 SC70 DCK 6 250 180.0 8.4 2.47 2.3 1.25 4.0 8.0 Q3 INA199A2DCKTG4 SC70 DCK 6 250 178.0 9.0 2.4 2.5 1.2 4.0 8.0 Q3 INA199A2RSWR UQFN RSW 10 3000 180.0 8.4 1.7 2.1 0.7 4.0 8.0 Q1 INA199A3DCKR SC70 DCK 6 3000 180.0 8.4 2.3 2.5 1.2 4.0 8.0 Q3 INA199A3DCKR SC70 DCK 6 3000 178.0 9.0 2.4 2.5 1.2 4.0 8.0 Q3 INA199A3DCKR SC70 DCK 6 3000 178.0 9.0 2.4 2.5 1.2 4.0 8.0 Q3 INA199A3DCKRG4 SC70 DCK 6 3000 178.0 9.0 2.4 2.5 1.2 4.0 8.0 Q3 INA199A3DCKT SC70 DCK 6 250 180.0 8.4 2.3 2.5 1.2 4.0 8.0 Q3 INA199A3DCKT SC70 DCK 6 250 178.0 9.0 2.4 2.5 1.2 4.0 8.0 Q3 INA199A3DCKT SC70 DCK 6 250 178.0 9.0 2.4 2.5 1.2 4.0 8.0 Q3 INA199A3RSWR UQFN RSW 10 3000 180.0 8.4 1.7 2.1 0.7 4.0 8.0 Q1 INA199A3RSWRG4 UQFN RSW 10 3000 180.0 8.4 1.7 2.1 0.7 4.0 8.0 Q1 INA199B1DCKR SC70 DCK 6 3000 180.0 8.4 2.3 2.5 1.2 4.0 8.0 Q3 INA199B1DCKR SC70 DCK 6 3000 178.0 9.0 2.4 2.5 1.2 4.0 8.0 Q3 INA199B1DCKT SC70 DCK 6 250 178.0 9.0 2.4 2.5 1.2 4.0 8.0 Q3 INA199B1DCKT SC70 DCK 6 250 178.0 9.0 2.4 2.5 1.2 4.0 8.0 Q3 INA199B1DCKT SC70 DCK 6 250 180.0 8.4 2.3 2.5 1.2 4.0 8.0 Q3 INA199B1DCKTG4 SC70 DCK 6 250 178.0 9.0 2.4 2.5 1.2 4.0 8.0 Q3 INA199B1RSWR UQFN RSW 10 3000 180.0 8.4 1.7 2.1 0.7 4.0 8.0 Q1 INA199B2DCKR SC70 DCK 6 3000 180.0 8.4 2.3 2.5 1.2 4.0 8.0 Q3 INA199B2DCKR SC70 DCK 6 3000 178.0 9.0 2.4 2.5 1.2 4.0 8.0 Q3 INA199B2DCKR SC70 DCK 6 3000 178.0 9.0 2.4 2.5 1.2 4.0 8.0 Q3 INA199B2DCKRG4 SC70 DCK 6 3000 178.0 9.0 2.4 2.5 1.2 4.0 8.0 Q3 INA199B2DCKT SC70 DCK 6 250 178.0 9.0 2.4 2.5 1.2 4.0 8.0 Q3 INA199B2DCKT SC70 DCK 6 250 180.0 8.4 2.3 2.5 1.2 4.0 8.0 Q3 INA199B2DCKT SC70 DCK 6 250 178.0 9.0 2.4 2.5 1.2 4.0 8.0 Q3 INA199B2RSWR UQFN RSW 10 3000 180.0 8.4 1.7 2.1 0.7 4.0 8.0 Q1 INA199B3DCKR SC70 DCK 6 3000 178.0 9.0 2.4 2.5 1.2 4.0 8.0 Q3 INA199B3DCKR SC70 DCK 6 3000 178.0 9.0 2.4 2.5 1.2 4.0 8.0 Q3 INA199B3DCKT SC70 DCK 6 250 178.0 9.0 2.4 2.5 1.2 4.0 8.0 Q3 INA199B3DCKT SC70 DCK 6 250 178.0 9.0 2.4 2.5 1.2 4.0 8.0 Q3 INA199B3DCKT SC70 DCK 6 250 180.0 8.4 2.3 2.5 1.2 4.0 8.0 Q3 INA199B3RSWR UQFN RSW 10 3000 179.0 8.4 1.7 2.1 0.7 4.0 8.0 Q1 INA199B3RSWR UQFN RSW 10 3000 180.0 8.4 1.7 2.1 0.7 4.0 8.0 Q1 INA199B3RSWRG4 UQFN RSW 10 3000 180.0 8.4 1.7 2.1 0.7 4.0 8.0 Q1 Pack Materials-Page 2 |