| Moteur de recherche de fiches techniques de composants électroniques |
|
INA199 Fiches technique(PDF) 25 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
INA199 Fiches technique(HTML) 25 Page - Texas Instruments |
|
25 / 42 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 7-Oct-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) INA199A1DCKR Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU | SN Level-2-260C-1 YEAR -40 to 125 OBG INA199A1DCKR.A Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes SN Level-2-260C-1 YEAR -40 to 125 OBG INA199A1DCKR.B Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes SN Level-2-260C-1 YEAR -40 to 125 OBG INA199A1DCKRG4 Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 OBG INA199A1DCKRG4.A Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 OBG INA199A1DCKRG4.B Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 OBG INA199A1DCKT Active Production SC70 (DCK) | 6 250 | SMALL T&R Yes NIPDAU | SN Level-2-260C-1 YEAR -40 to 125 OBG INA199A1DCKT.A Active Production SC70 (DCK) | 6 250 | SMALL T&R Yes SN Level-2-260C-1 YEAR -40 to 125 OBG INA199A1DCKT.B Active Production SC70 (DCK) | 6 250 | SMALL T&R Yes SN Level-2-260C-1 YEAR -40 to 125 OBG INA199A1RSWR Active Production UQFN (RSW) | 10 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 NSJ INA199A1RSWR.A Active Production UQFN (RSW) | 10 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 NSJ INA199A1RSWR.B Active Production UQFN (RSW) | 10 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 NSJ INA199A1RSWRG4 Active Production UQFN (RSW) | 10 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 NSJ INA199A1RSWRG4.A Active Production UQFN (RSW) | 10 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 NSJ INA199A1RSWRG4.B Active Production UQFN (RSW) | 10 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 NSJ INA199A1RSWT Last Time Buy Production UQFN (RSW) | 10 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 NSJ INA199A2DCKR Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU | SN Level-2-260C-1 YEAR -40 to 125 OBH INA199A2DCKR.A Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes SN Level-2-260C-1 YEAR -40 to 125 OBH INA199A2DCKR.B Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes SN Level-2-260C-1 YEAR -40 to 125 OBH INA199A2DCKT Active Production SC70 (DCK) | 6 250 | SMALL T&R Yes NIPDAU | SN Level-2-260C-1 YEAR -40 to 125 OBH INA199A2DCKT.A Active Production SC70 (DCK) | 6 250 | SMALL T&R Yes SN Level-2-260C-1 YEAR -40 to 125 OBH INA199A2DCKT.B Active Production SC70 (DCK) | 6 250 | SMALL T&R Yes SN Level-2-260C-1 YEAR -40 to 125 OBH INA199A2DCKTG4 Active Production SC70 (DCK) | 6 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 OBH INA199A2DCKTG4.A Active Production SC70 (DCK) | 6 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 OBH INA199A2DCKTG4.B Active Production SC70 (DCK) | 6 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 OBH INA199A2RSWR Active Production UQFN (RSW) | 10 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 NTJ INA199A2RSWR.A Active Production UQFN (RSW) | 10 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 NTJ INA199A2RSWR.B Active Production UQFN (RSW) | 10 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 NTJ Addendum-Page 1 |