Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VNH5200AS-E Fiches technique(PDF) 28 Page - STMicroelectronics

No de pièce VNH5200AS-E
Description  Fully integrated H-bridge motor driver for automotive applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH5200AS-E Fiches technique(HTML) 28 Page - STMicroelectronics

Back Button VNH5200AS-E Datasheet HTML 23Page - STMicroelectronics VNH5200AS-E Datasheet HTML 24Page - STMicroelectronics VNH5200AS-E Datasheet HTML 25Page - STMicroelectronics VNH5200AS-E Datasheet HTML 26Page - STMicroelectronics VNH5200AS-E Datasheet HTML 27Page - STMicroelectronics VNH5200AS-E Datasheet HTML 28Page - STMicroelectronics VNH5200AS-E Datasheet HTML 29Page - STMicroelectronics VNH5200AS-E Datasheet HTML 30Page - STMicroelectronics VNH5200AS-E Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
Package and packing information
VNH5200AS-E
28/31
DocID023424 Rev 9
Table 20. SO-16N mechanical data
Symbol
Millimeters
Min.
Typ.
Max.
A
1.75
A1
0.10
0.25
A2
1.25
b0.31
0.51
c0.17
0.25
D
9.80
9.90
10.00
E
5.80
6.00
6.20
E1
3.80
3.90
4.00
e1.27
h0.25
0.50
L0.40
1.27
k0
8
ccc
0.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31