Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VNH5200AS-E Fiches technique(PDF) 27 Page - STMicroelectronics

No de pièce VNH5200AS-E
Description  Fully integrated H-bridge motor driver for automotive applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH5200AS-E Fiches technique(HTML) 27 Page - STMicroelectronics

Back Button VNH5200AS-E Datasheet HTML 23Page - STMicroelectronics VNH5200AS-E Datasheet HTML 24Page - STMicroelectronics VNH5200AS-E Datasheet HTML 25Page - STMicroelectronics VNH5200AS-E Datasheet HTML 26Page - STMicroelectronics VNH5200AS-E Datasheet HTML 27Page - STMicroelectronics VNH5200AS-E Datasheet HTML 28Page - STMicroelectronics VNH5200AS-E Datasheet HTML 29Page - STMicroelectronics VNH5200AS-E Datasheet HTML 30Page - STMicroelectronics VNH5200AS-E Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
DocID023424 Rev 9
27/31
VNH5200AS-E
Package and packing information
30
5
Package and packing information
5.1
ECOPACK®
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
5.2
SO-16N mechanical data
Figure 20. SO-16N package dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31