| Moteur de recherche de fiches techniques de composants électroniques |
|
VNH5200AS-E Fiches technique(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VNH5200AS-E Fiches technique(HTML) 20 Page - STMicroelectronics |
|
20 / 31 page ![]() Application information VNH5200AS-E 20/31 DocID023424 Rev 9 Figure 11. Half-bridge configuration Note: The VNH5200AS-E can be used as a high power half-bridge driver achieving an On resistance per leg of 90 m Ω. Figure 12. Multi-motors configuration Note: The VNH5200AS-E can easily be designed in multi-motors driving applications such as seat positioning systems where only one motor must be driven at a time. DIAGX/ENX pins allow to put unused half-bridges in high impedance. M OUTA OUTA OUTB OUTB VCC DIAGA/ENA INA DIAGB/ENB INB GND GND DIAGA/ENA INA DIAGB/ENB INB M2 OUTA OUTA OUTB OUTB VCC DIAGA/ENA INA DIAGB/ENB INB GND GND DIAGA/ENA INA DIAGB/ENB INB M1 M3 |