Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

D950-CORE Fiches technique(PDF) 51 Page - STMicroelectronics

No de pièce D950-CORE
Description  16-Bit Fixed Point Digital Signal Processor DSP Core
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D950-CORE Fiches technique(HTML) 51 Page - STMicroelectronics

Back Button D950-CORE Datasheet HTML 47Page - STMicroelectronics D950-CORE Datasheet HTML 48Page - STMicroelectronics D950-CORE Datasheet HTML 49Page - STMicroelectronics D950-CORE Datasheet HTML 50Page - STMicroelectronics D950-CORE Datasheet HTML 51Page - STMicroelectronics D950-CORE Datasheet HTML 52Page - STMicroelectronics D950-CORE Datasheet HTML 53Page - STMicroelectronics D950-CORE Datasheet HTML 54Page - STMicroelectronics D950-CORE Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 89 page
background image
51/89
D950-Core
5.4.4 Program Control Instructions
BREAK
Break
BREAKD
Break Delayed
CALL
Jump to Subroutine
CALLD
Call Delayed
CONTINUE
Continue
CONTINUED Continue Delayed
JUMP
Jump
JUMPD
Jump Delayed
LP
Low Power
NOP
No operation
RESET
Reset
RTI
Return from interrupt
RTS
Return from subroutine
RTSD
Return from subroutine Delayed
STOP
Stop
SWI
Software interrupt
Figure 5.12
Program Contro
l
Note:
The condition table is described in
Table 4.4
RTI
RTS
RTSD
SWI
NOP
VR02018K
COND
IF
CALL
CALLD
JUMP
JUMPD
addr
A0H
A1H
BREAK
BREAKD
CONTINUE
CONTINUED
LP
RESET
STOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89