Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

D950-CORE Fiches technique(PDF) 67 Page - STMicroelectronics

No de pièce D950-CORE
Description  16-Bit Fixed Point Digital Signal Processor DSP Core
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D950-CORE Fiches technique(HTML) 67 Page - STMicroelectronics

Back Button D950-CORE Datasheet HTML 63Page - STMicroelectronics D950-CORE Datasheet HTML 64Page - STMicroelectronics D950-CORE Datasheet HTML 65Page - STMicroelectronics D950-CORE Datasheet HTML 66Page - STMicroelectronics D950-CORE Datasheet HTML 67Page - STMicroelectronics D950-CORE Datasheet HTML 68Page - STMicroelectronics D950-CORE Datasheet HTML 69Page - STMicroelectronics D950-CORE Datasheet HTML 70Page - STMicroelectronics D950-CORE Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 89 page
background image
67/89
D950-Core
7.2
BUS SWITCH UNIT (BSU)
7.2.1 Introduction
The D950-Core Bus Switch Unit (BSU) is a multiplexed interface between the D950-Core and
external memory. It enables extension of X, Y and I memories off-chip, allowing multiple
possible configurations for an AS-DSP built around the D950-Core. The figure below shows
the layout of the D950-Core BSU.
Figure 7.1
D950-Core Bus Switch Unit
EA
ED
ID
IA
YD
YA
XA
XD
D950-CORE
BUS
SWITCH
UNIT
DTACK
AS-DSP
BSU_CLK
RESET
IRD/XRD/YRD
IWR/XWR/YWR
IBS/XBS/YBS
16
16
16
16
INTERNAL MEMORIES
& PERIPHERALS
16
16
16
16
P
MEM.
X
MEM.
Y
MEM.
2
2
2
DTACKin
EYRD/DS
EYWR/RD
EIRD/DS
EIWR/RD
EXRD/DS
EXWR/RD
VR02020A
INTERNAL MEMORIES
& PERIPHERALS
INTERNAL MEMORIES
& PERIPHERALS
DEID/DEXD/DEYD
IID/IXD/IYD
IDT_EN
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89