Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPACE-NETWORK-DIRECTOR Fiches technique(PDF) 2 Page - Juniper Networks, Inc.

No de pièce SPACE-NETWORK-DIRECTOR
Description  JUNOS SPACE NETWORK DIRECTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JUNIPER [Juniper Networks, Inc.]
Site Internet  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

SPACE-NETWORK-DIRECTOR Fiches technique(HTML) 2 Page - Juniper Networks, Inc.

  SPACE-NETWORK-DIRECTOR Datasheet HTML 1Page - Juniper Networks, Inc. SPACE-NETWORK-DIRECTOR Datasheet HTML 2Page - Juniper Networks, Inc. SPACE-NETWORK-DIRECTOR Datasheet HTML 3Page - Juniper Networks, Inc. SPACE-NETWORK-DIRECTOR Datasheet HTML 4Page - Juniper Networks, Inc. SPACE-NETWORK-DIRECTOR Datasheet HTML 5Page - Juniper Networks, Inc. SPACE-NETWORK-DIRECTOR Datasheet HTML 6Page - Juniper Networks, Inc. SPACE-NETWORK-DIRECTOR Datasheet HTML 7Page - Juniper Networks, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Analyze
• Performance Analyzer provides real-time and trended
monitoring of tenants, hosts, VMs, fabrics, and ports, as well as
high-frequency monitoring that gathers valuable performance
data for tracking queue depth and heat-map visualization.
Network Director analyzes the entire network, using heat-
maps to identify over- and under-utilized ports, latency, and
top VMs, users, devices, and ports.
• Network Traffic Analyzer proactively monitors network usage
to find the sources of network traffic spikes. Incorporating an
automated policy-driven sFlow collector and flow analysis,
Network Traffic Analyzer quickly identifies and isolates users,
applications and protocols consuming the most bandwidth.
• Flow Path Analyzer provides operational and diagnostic
capabilities that trace connectivity between applications and
flows by correlating network telemetry data with the
application. Flow Path Analyzer visualizes network paths
between leaf and spine switches for a given flow/application,
correlating congested ports with high-latency events and
identifying impacted or unhealthy VMs, applications, and
hosts.
• Overlay and Underlay Analyzer provides full visibility,
performance management, and troubleshooting capabilities for
physical and virtualized overlay networks in VMware Virtual
Extensible LAN (VXLAN) and controller-less environments. It
provides a consolidated and correlated view of VMs, hosts,
fabrics, and overlay and underlay networks with full end-to-
end network and flow visibility and analysis.
• VM Analyzer provides real-time physical and virtual topology
views, tracks vMotion activity including virtual machine
creation, deletion, and moves, and maintains complete virtual
network inventory.
• Fabric Analyzer monitors and analyzes the health of the entire
network fabric, including IP Fabric, Virtual Chassis Fabric
configurations, and Juniper Networks QFabric® System,
increasing service availability.
Features and Benefits
End-to-End Network Visibility and Flow Path Analysis
Working in conjunction with the Cloud Analytics Engine, Network
Director provides network data analysis to improve application
performance and availability by associating flows with specific
applications across the physical and virtual infrastructure, improving
the ability to quickly roll out new applications and troubleshoot
problems (see Figure 1).
Network Director analyzes and visualizes application flows running
on VMs and bare-metal servers in the data center, reporting the
specific path a flow takes through the network, the latency
encountered at each hop, and traffic statistics for every network
device in the path. Users can start flow analysis on selected active
flows on a specific VM or a non-virtualized host on demand and
view the results. When users place a critical VM or non-virtualized
host on a watch list, Network Director will automatically initiate
analysis on all flows running on that device.
Figure 1: Flow path analysis
Network Traffic Analyzer
The Network Director Network Traffic Analyzer gathers detailed
information about network bandwidth usage patterns on each
switch port, allowing network administrators to make informed
policy and planning decisions about specific applications and ports.
Using an automated, policy-driven sFlow collector and flow
analysis, Network Traffic Analyzer identifies which users,
applications and protocols are consuming the most bandwidth,
helping network administrators identify the source of network
spikes and bursts to proactively monitor, control and manage
network usage (Figure 2).
Figure 2: Network Traffic Analyzer
Junos Space Network Director
2



Html Pages

1 2 3 4 5 6 7