Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPACE-NETWORK-DIRECTOR Fiches technique(PDF) 5 Page - Juniper Networks, Inc.

No de pièce SPACE-NETWORK-DIRECTOR
Description  JUNOS SPACE NETWORK DIRECTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JUNIPER [Juniper Networks, Inc.]
Site Internet  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

SPACE-NETWORK-DIRECTOR Fiches technique(HTML) 5 Page - Juniper Networks, Inc.

  SPACE-NETWORK-DIRECTOR Datasheet HTML 1Page - Juniper Networks, Inc. SPACE-NETWORK-DIRECTOR Datasheet HTML 2Page - Juniper Networks, Inc. SPACE-NETWORK-DIRECTOR Datasheet HTML 3Page - Juniper Networks, Inc. SPACE-NETWORK-DIRECTOR Datasheet HTML 4Page - Juniper Networks, Inc. SPACE-NETWORK-DIRECTOR Datasheet HTML 5Page - Juniper Networks, Inc. SPACE-NETWORK-DIRECTOR Datasheet HTML 6Page - Juniper Networks, Inc. SPACE-NETWORK-DIRECTOR Datasheet HTML 7Page - Juniper Networks, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Supported Platforms
Operating System
QFX3500/QFX3600 with ELS (Standalone and
Virtual Chassis)
QFX5100-24Q, QFX5100-48S, QFX5100-96S
with ELS (Standalone and Virtual Chassis)
Junos OS releases 13.2X51-D30
Junos OS releases 14.1X53-D15,
14.1X53-D27, 14.1X53-D40
QFabric Systems (QFX3000-G and QFX3000-M) Junos OS releases 13.2X52-D20,
14.1X53-D15, 14.1X53-D17
EX Series Ethernet Switches:
• EX2200, EX2200-C
• EX3200
• EX3300: Standalone and with Virtual Chassis
technology
• EX4200: Standalone and with Virtual Chassis
technology
• EX4500: Standalone and with Virtual Chassis
technology
• EX4550: Standalone and with Virtual Chassis
technology
• Mixed EX4200, EX4500, EX4550 Virtual
Chassis configurations
• EX6200
• EX8200: Standalone and with Virtual Chassis
technology
Junos OS releases 11.4, 12.1, 12.2, 12.3,
13.2X50-D10, 13.2X50-D15, 13.2X51-
D15, 13.2X51-D20, 13.2X51-D30,
14.1X53-D15, 14.1X53-D25, 15.1R1,
14.1X53-D35, 14.1X53-D40, 14.1X53-
D42
EX Series Ethernet Switches with ELS: EX2300
and EX3400
Junos OS Release 15.1X53-D50,
15.1X53-D51, 15.1X53-D52, 15.1X53-
D55, 15.1X53-D56
EX2300-48T
EX2300-48P
15.1X53-D55, 15.1X53-D56
EX Series Ethernet Switches with ELS: EX4300
Standalone and with Virtual Chassis technology
Junos OS releases 13.2X51-D15,
13.2X51-D20, 13.2X51-D30, 14.1X53-
D27, 14.1X53-D35, 14.1X53-D40,
14.1X53-D42
EX4600 Standalone and with Virtual Chassis
technology
Junos OS release 13.2X51-D25,
14.1X53-D27
EX9200
Junos OS releases 13.2R1, 13.2R2,
13.3R2, 14.1R4, 14.2R2, 15.1R1,
16.1R1, 17.1R1, 17.2R1
MX Series 3D Universal Edge Routers: MX240,
MX480, MX960 (ELS)
Junos OS releases 13.2R2.4, 14.1R4,
14.2R2, 15.1R1
MX80, MX104, MX240, MX480, MX960 (non-
ELS)
Junos OS release 14.1R4, 15.1R1
VMware vCenter Server
vCenter 5.0, 5.1, 5.5, 6.0, 6.2
VMware vRealize Operations
6.0, 6.1, 6.2, 6.3, 6.4, 6.5
VMware ESXi
VMware ESXi versions 5.0, 5.1, 5.5, 6.0,
6.2
OpenStack
Supported release—Kilo, Liberty, Mitaka,
Newton
VMware NSX –V
Version 6.2
Version 6.1
Version 4.1
Data Center Management
• Fully automated plug-and-play underlay fabric topologies
• Controller-less: Build virtual networks on top of IP fabric
underlays without SDN controller utilizing EVPN/VXLAN
• SDN integration: Discover virtual networks with VMware NSX
SDN controller
• Automatically orchestrate physical switches based on vMotion
• View hosts, virtual switches, virtual machines, virtualized
networks, and virtual tunnel end points (VTEPs)
• View tenants, virtualized networks, and all underlay fabric
resources
• View connectivity between VMs, virtual switches, physical
switches, and virtualized networks
• View vMotion history, VM and host bandwidth utilization
• Compatible with VMware vCenter versions 4.1, 5.0, 5.1, and
5.5
• Compatible with VMware vSphere versions 4.0, 4.1, 5.0, 5.1,
and 5.5
• Compatible with VMware NSX 6.0, 6.1, and 6.2.0
• Compatible with OpenStack Kilo, Liberty, Mitaka, and Newton
VMware vRealize Operations Management Pack
• Management Pack provides:
- Health dashboard for networking and compute to cloud
administrators
- Correlated view of virtual and physical network
components to cloud administrators
- Physical network capacity management and planning
• Main dashboard widgets—Data Center Overview, Top Alerts,
and Object Relationship—display all data centers, underlying
fabrics, host devices, and virtual machines that are part of the
data center network
• Fabric and fabric members (spine/leaf) dashboards monitor
Juniper Fabric topologies such as Virtual Chassis, QFabric
Systems, Layer 3 fabrics, and Virtual Chassis Fabrics that are
part of the data center. Dashboard widgets display data center
fabrics, CPU and memory utilization history, and forecast
widgets.
• Top Fabrics and Fabric Members dashboard enables cloud
administrators to view and identify potential performance
issues in the data center, identifying top fabrics by CPU and
memory utilization, top noisiest fabrics based on Alerts widget,
and top volatile fabrics based on Metrics widget. Clicking on a
row provides more details about that fabric and possible
causes, If any, for the vulnerability of the fabric.
Junos Space Network Director
5



Html Pages

1 2 3 4 5 6 7