| Moteur de recherche de fiches techniques de composants électroniques |
|
SPACE-NETWORK-DIRECTOR Fiches technique(PDF) 3 Page - Juniper Networks, Inc. |
|
|
|||||||||||||||||||||||||||||
SPACE-NETWORK-DIRECTOR Fiches technique(HTML) 3 Page - Juniper Networks, Inc. |
|
3 / 7 page ![]() Integration with Virtualized and Cloud Infrastructure Network Director integrates with virtualized and cloud infrastructure tools, providing network and cloud administrators with a comprehensive view of the complete data center infrastructure. Network Director Management Pack for vRealize Operations provides comprehensive visibility into Juniper infrastructure and VMware virtual networking services deployed in a vSphere environment, including virtual machines (VMs), hosts, and network elements such as switches and switch fabrics. Virtual administrators and network operations managers will be able to determine at a glance the health, capacity and performance of these objects, helping them quickly remediate problems that impact virtual machine connectivity and performance (Figure 3). Figure 3: Juniper Management Pack main dashboard Network Director also provides holistic and correlated visibility into enterprise and private cloud data centers comprised of physical (underlay) fabrics and virtualized networks (see Figure 4), as well as virtualized and non-virtualized hosts encompassing the following deployments: • VMware vCenter—Network Director unifies physical and virtual networks, providing a comprehensive view of the complete end-to-end virtual-to-physical network infrastructure. It integrates with VMware vCenter, delivering a combined solution that benefits from both vendors’ innovation and from Juniper’s orchestration solutions to discover, visualize connectivity between virtual and physical networks, orchestrate, and monitor VMware vSphere environments. • VMware NSX and OpenStack—Network Director integrates with cloud infrastructure controlled by VMware NSX SDN Controller environments and OpenStack. Through this integration, Network Director provides complete and correlated visibility between virtualized and physical networks as well as virtual machines, VXLAN, virtual tunnel endpoints, and OpenStack networks with full end-to-end network and flow visibility and analysis (Figure 4). Figure 4: Virtualized (overlay) and underlay network visibility In addition to virtualized and cloud infrastructure deployments mentioned above, Network Director also includes support for non- virtualized servers (also called bare-metal servers). Fabric Automation and Management Network Director provides comprehensive pre- and post- deployment (Day 0 through Day 2) plug-and-play fabric automation and management for Layer 2 and Layer 3 fabric topologies. It fully automates fabric-wide provisioning, configuration, and deployment of complex fabric topologies comprised of multistage spine-and-leaf switches, eliminating errors associated with manual deployment (see Figure 5). As part of the pre-deployment automation process for Layer 3 fabrics, Network Director provides simple-to-use workflows to set up fabric switches, assign protocol settings, perform BGP IP address configuration and cabling, and set up ZTP servers for plug-and-play operations. Figure 5: Fabric automation Network Director also automates the discovery of fabrics and all of their associated switches. In addition, it performs cabling checks to ensure that all devices are connected per the initial design. Junos Space Network Director 3 |