| Moteur de recherche de fiches techniques de composants électroniques |
|
L9965T Fiches technique(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9965T Fiches technique(HTML) 35 Page - STMicroelectronics |
|
35 / 62 page ![]() Device VIF_ID SPI MOSI DEV_ID READ CMD Behavior WRITE CMD Behavior !=0 !=0 (matching BROADCAST_SEL_<x>) Discard cmd and load MISO with SPI ERROR FRAME with WRONG_VIF_ID=1 Set COMM_ERR_SPI.SPI_VIF_ID_ERR Perform WRITE operation and load MISO with updated reg content. Propagate cmd on VIF 5.8.2 Communication with L9965T/TS and L9965x The BMS MCU can access the L9965T/TS transceiver or any BMS device in the chain with proper SPI frames. The flow chart of the process is shown in Figure 12 and explained in detail in the paragraphs below. Figure 12. Single read/write frame protocol L9965T/L9965TS Functional description DS14987 - Rev 1 page 35/62 |