Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9965T Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce L9965T
Description  Automotive SPI to isolated SPI transceiver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965T Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button L9965T Datasheet HTML 6Page - STMicroelectronics L9965T Datasheet HTML 7Page - STMicroelectronics L9965T Datasheet HTML 8Page - STMicroelectronics L9965T Datasheet HTML 9Page - STMicroelectronics L9965T Datasheet HTML 10Page - STMicroelectronics L9965T Datasheet HTML 11Page - STMicroelectronics L9965T Datasheet HTML 12Page - STMicroelectronics L9965T Datasheet HTML 13Page - STMicroelectronics L9965T Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 62 page
background image
3.3
Thermal ratings
All device electrical parameters are tested and guaranteed in the temperature operating conditions reported in
Table 5 below, unless otherwise noted.
Table 5. Temperature ranges and thermal data
Symbol
Parameter
Min
Typ
Max
Unit
T amb
Operating temperature (ECU environment)
-40
125
°C
T j
Operating junction temperature
-40
150
°C
T stg
Storage temperature
-65
150
°C
RTh j-a
Thermal resistance junction-to-ambient(1) (2)
54
°C/W
1. For each die
2. Evaluated according to Jedec JESD51-2, -5, -7 guideline with a 2s2p thermally enhanced PC
L9965T/L9965TS
Device ratings
DS14987 - Rev 1
page 10/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62