| Moteur de recherche de fiches techniques de composants électroniques |
|
L9965T Fiches technique(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9965T Fiches technique(HTML) 19 Page - STMicroelectronics |
|
19 / 62 page ![]() Symbol Parameter Test conditions Min Typ Max Unit TWAKEUP Time from wakeup detection to ISOL-ISOP ready to transmit 3 ms TVIF_WAKEUP_TIME Duration of wakeup from VIF detection 2 ms TSPI_WAKEUP_TIME Duration of wakeup from SPI detection From the NCS low to high transition to the IC in NORMAL state and ready to communicate 2 ms TSELF_WAKEUP Self-wakeup latency From the assertion of a fault in CYCLIC_WAKEUP to the complete transition in NORMAL 2 ms TSPI_WAKEUP_TIMEOUT Timeout for receipt of wakeup frame 0.4 2 ms TCW_diag_timeout Diagnostics timeout 55 75 ms TWAKEUP_TIMEOUT Timeout for completing the wakeup sequence 17 20 33 ms TCYCLIC_WAKEUP_000 Transceiver CYCLIC_WAKEUP tone generation period GEN_CFG5.WAKEUP_CYCLIC_ TIMEOUT_SENDER_SEL=000 0.96 1.06 1.15 s TCYCLIC_WAKEUP_001 GEN_CFG5.WAKEUP_CYCLIC_ TIMEOUT_SENDER_SEL=001 1.90 2.10 2.30 TCYCLIC_WAKEUP_010 GEN_CFG5.WAKEUP_CYCLIC_ TIMEOUT_SENDER_SEL=010 .90 3.20 3.50 TCYCLIC_WAKEUP_011 GEN_CFG5.WAKEUP_CYCLIC_ TIMEOUT_SENDER_SEL=011 3.80 4.20 4.60 TCYCLIC_WAKEUP_100 GEN_CFG5.WAKEUP_CYCLIC_ TIMEOUT_SENDER_SEL=100 4.802 5.30 5.80 TCYCLIC_WAKEUP_101 GEN_CFG5.WAKEUP_CYCLIC_ TIMEOUT_SENDER_SEL=101 5.80 6.35 6.90 TCYCLIC_WAKEUP_110 GEN_CFG5.WAKEUP_CYCLIC_ TIMEOUT_SENDER_SEL=110 6.70 7.45 8.20 TCYCLIC_WAKEUP_111 GEN_CFG5.WAKEUP_CYCLIC_ TIMEOUT_SENDER_SEL=111 7.70 8.45 9.20 TCYCLIC_WAKEUP_TIMEOUT_000 Transceiver CYCLIC_WAKEUP timeout GEN_CFG5.WAKEUP_CYCLIC_ TIMEOUT_LISTENER_SEL=000 2.70 3.00 3.30 s TCYCLIC_WAKEUP_TIMEOUT_001 GEN_CFG5.WAKEUP_CYCLIC_ TIMEOUT_LISTENER_SEL=001 4.37 4.86 5.34 TCYCLIC_WAKEUP_TIMEOUT_010 GEN_CFG5.WAKEUP_CYCLIC_ TIMEOUT_LISTENER_SEL=010 6.04 6.71 7.39 TCYCLIC_WAKEUP_TIMEOUT_011 GEN_CFG5.WAKEUP_CYCLIC_ TIMEOUT_LISTENER_SEL=011 7.71 8.57 9.43 TCYCLIC_WAKEUP_TIMEOUT_100 GEN_CFG5.WAKEUP_CYCLIC_ TIMEOUT_LISTENER_SEL=100 9.39 10.43 11.47 TCYCLIC_WAKEUP_TIMEOUT_101 GEN_CFG5.WAKEUP_CYCLIC_ TIMEOUT_LISTENER_SEL=101 11.06 12.29 13.51 TCYCLIC_WAKEUP_TIMEOUT_110 GEN_CFG5.WAKEUP_CYCLIC_ TIMEOUT_LISTENER_SEL=110 12.73 14.14 15.56 L9965T/L9965TS Functional description DS14987 - Rev 1 page 19/62 |