| Moteur de recherche de fiches techniques de composants électroniques |
|
L9963E Fiches technique(PDF) 179 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9963E Fiches technique(HTML) 179 Page - STMicroelectronics |
|
179 / 184 page ![]() 6.11 Communication architectures ..................................................154 6.11.1 Distributed BMS ....................................................... 154 6.11.2 Centralized BMS ....................................................... 156 6.11.3 Dual access ring ....................................................... 157 6.11.4 Single module BMS..................................................... 158 6.11.5 Inter-frame delay....................................................... 159 6.11.6 Choosing the twisted pair ................................................ 160 6.12 Transceiver mode ............................................................161 6.12.1 Configuring L9963E as transceiver ......................................... 161 6.12.2 Transceiver pinout...................................................... 162 6.12.3 Transceiver application circuit and bill of material .............................. 163 6.13 Hotplug .....................................................................164 6.13.1 Requirements for safe cell hotplug ......................................... 165 6.13.2 Additional external components for hotplug protection .......................... 165 7 Recommended soldering profile ................................................ 168 8 Package information............................................................ 169 8.1 TQFP 10x10 64L exposed pad down package information ..........................169 Revision history ..................................................................... 174 L9963E Contents DS13636 - Rev 12 page 179/184 |