Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9963E Fiches technique(PDF) 129 Page - STMicroelectronics

No de pièce L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Fiches technique(HTML) 129 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 125Page - STMicroelectronics L9963E Datasheet HTML 126Page - STMicroelectronics L9963E Datasheet HTML 127Page - STMicroelectronics L9963E Datasheet HTML 128Page - STMicroelectronics L9963E Datasheet HTML 129Page - STMicroelectronics L9963E Datasheet HTML 130Page - STMicroelectronics L9963E Datasheet HTML 131Page - STMicroelectronics L9963E Datasheet HTML 132Page - STMicroelectronics L9963E Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 184 page
background image
Figure 27. Grounds collection node
ESD strikes at system level can damage both L9963E and analog front end components. In order to provide an
effective protection, charge released upon strike must be properly deviated towards the GND_ESD
. This is
achieved by proper grounding of the ESD capacitors to such a dedicated ground plane, which is then joined with
the other grounds at the PCB connector to PACK_GND, regardless of the hotplug protection implementation. In
fact, the ESD strike must bypass MHOT in order not to damage it.
L9963E
Layout recommendations
DS13636 - Rev 12
page 129/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More