Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9935 Fiches technique(PDF) 27 Page - STMicroelectronics

No de pièce L9935
Description  Two-phase stepper motor driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9935 Fiches technique(HTML) 27 Page - STMicroelectronics

Back Button L9935 Datasheet HTML 21Page - STMicroelectronics L9935 Datasheet HTML 22Page - STMicroelectronics L9935 Datasheet HTML 23Page - STMicroelectronics L9935 Datasheet HTML 24Page - STMicroelectronics L9935 Datasheet HTML 25Page - STMicroelectronics L9935 Datasheet HTML 26Page - STMicroelectronics L9935 Datasheet HTML 27Page - STMicroelectronics L9935 Datasheet HTML 28Page - STMicroelectronics L9935 Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
L9935
Package information
Doc ID 5198 Rev 10
27/29
6
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 15.
PowerSO20 mechanical data and package dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29