Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9935 Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce L9935
Description  Two-phase stepper motor driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9935 Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button L9935 Datasheet HTML 10Page - STMicroelectronics L9935 Datasheet HTML 11Page - STMicroelectronics L9935 Datasheet HTML 12Page - STMicroelectronics L9935 Datasheet HTML 13Page - STMicroelectronics L9935 Datasheet HTML 14Page - STMicroelectronics L9935 Datasheet HTML 15Page - STMicroelectronics L9935 Datasheet HTML 16Page - STMicroelectronics L9935 Datasheet HTML 17Page - STMicroelectronics L9935 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
Functional description
L9935
14/29
Doc ID 5198 Rev 10
5.2.4
Reversing phase
Suppose the current flowed via M21, the load and M12 before reversing phase. Reversing
phase M21 and M12 will be turned off. So now the current will flow through D22, the load and
D11. This leads to a fast current decay.
5.2.5
Chopper control by oscillator
Both chopping circuits work with offset phase. One chopper will switch on the bridge at the
maximum voltage of the oscillator while the other chopper will switch on the bridge at
minimum voltage of the oscillator.
MS1 and MS2 blank switching spikes that could lead to errors of the current control circuit.
Figure 6.
Principal chopper control circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29