Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9907 Fiches technique(PDF) 41 Page - STMicroelectronics

No de pièce L9907
Description  Automotive FET driver for 3 phase BLDC motor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9907 Fiches technique(HTML) 41 Page - STMicroelectronics

Back Button L9907_V01 Datasheet HTML 37Page - STMicroelectronics L9907_V01 Datasheet HTML 38Page - STMicroelectronics L9907_V01 Datasheet HTML 39Page - STMicroelectronics L9907_V01 Datasheet HTML 40Page - STMicroelectronics L9907_V01 Datasheet HTML 41Page - STMicroelectronics L9907_V01 Datasheet HTML 42Page - STMicroelectronics L9907_V01 Datasheet HTML 43Page - STMicroelectronics L9907_V01 Datasheet HTML 44Page - STMicroelectronics L9907_V01 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 49 page
background image
DS11800 Rev 5
41/49
L9907
Application circuit
48
5
Application circuit
5.1
12 V/24 V system
Figure 8. Application circuit, 12 V/24 V system
BST_L
BGND
VB
Keep this loop
area small
BST_C
VDH
CBS1
GHS1
SHS1
CBS2
GHS2
SHS2
CBS3
GHS3
SHS3
GLS1
SLS1
GLS2
SLS2
GLS3
SLS3
IS1+
IS1-
IS2+
IS2-
GCR
SGND1
SGND2
DGND
DGND
IB2
IB1
VCAP
TO3
TM
SDO
SCK
CS
SDI
FS FLAG
BST_DIS
EN2
EN1
PWM L3
PWM H3
PWM L2
PWM H2
PWM L1
PWM H1
VDD
VCC
BATTERY
T
HS3
T
HS2
T
HS1
C
HB
C
BST2
C
BST1
C
BS1
C
BS2
C
BS3
C
IN
T
LS1
T
LS2
T
LS3
R
GHS11
R
GHS12
R
GHS13
R
GLS11
R
GLS12
R
GLS13
R
GHS21
R
GHS22
R
GHS23
R
GLS21
R
GLS22
R
GLS23
C
LSD
C
IS1+
C
IS1-
C
IS2+
C
IS2-
C
VCC
C
VDD
R
IB1
R
IB2
C
IB1
C
IB2
R
GCR
MCU
Power
Supply
L9907
Reverse battery protection
L
BST
D
1
D
4
D
5
BLDC
Motor
_
R
SHUNT1
R
SHUNT2
D
2
D
3
T
RB1
T
RB2
C
RB1
R
RB1
R
RB2
R
RB3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49