Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9907 Fiches technique(PDF) 45 Page - STMicroelectronics

No de pièce L9907
Description  Automotive FET driver for 3 phase BLDC motor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9907 Fiches technique(HTML) 45 Page - STMicroelectronics

Back Button L9907_V01 Datasheet HTML 41Page - STMicroelectronics L9907_V01 Datasheet HTML 42Page - STMicroelectronics L9907_V01 Datasheet HTML 43Page - STMicroelectronics L9907_V01 Datasheet HTML 44Page - STMicroelectronics L9907_V01 Datasheet HTML 45Page - STMicroelectronics L9907_V01 Datasheet HTML 46Page - STMicroelectronics L9907_V01 Datasheet HTML 47Page - STMicroelectronics L9907_V01 Datasheet HTML 48Page - STMicroelectronics L9907_V01 Datasheet HTML 49Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 45 / 49 page
background image
DS11800 Rev 5
45/49
L9907
Package information
48
6
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK packages, depending on their level of environmental compliance. ECOPACK
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.
6.1
TQFP64 (10x10x1 mm exp. pad down) package mechanical data
Figure 10. TQFP64 (10x10x1 mm exp. pad down) package mechanical drawing
SECTION B-B
S
L
b1
c
c1
(b)
(L1)
R1
R2
GAUGE PLANE
7278840_G_9I
D
N
(N-4) x
1
2
3
D1
E
E1
D
A
AA
(see SECTION A-A)
A
A2
A1
C
H
ccc C
e
b
D2
E2
D1/4
E1/4
B
4x N/4 TIPS
4x
D1/4
E1/4
0.05
aaa C A-B D
bbb H A-B D
A
M
D
GAPGPS03451
BOTTOM VIEW
SECTION A-A
WITH PLATING
BASE METAL
ddd
TOP VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49