| Moteur de recherche de fiches techniques de composants électroniques |
|
L9907 Fiches technique(PDF) 47 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9907 Fiches technique(HTML) 47 Page - STMicroelectronics |
|
47 / 49 page ![]() DS11800 Rev 5 47/49 L9907 Package information 48 6.1.1 TQFP64 exposed pad dimensions for L9907 E2 - 4.50 - - 0.1772 - Option B D2 - 6.0 - - 0.2362 - E2 - 6.0 - - 0.2362 - 1. Values in mm are converted into inches and rounded to 4 decimal digits. 2. Dimensions D1 and E1 do not include mold flash or protrusions. Allowable mold flash or protrusion is “0.25 mm” per side. Table 38. TQFP64 (10x10x1 mm exp. pad down) package mechanical data (continued) Ref Dimensions Millimeters Inches(1) Min. Typ. Max. Min. Typ. Max. Table 39. TQFP64 exposed pad dimensions for L9907 Ref Millimeters Inches(1) 1. Values in mm are converted into inches and rounded to 4 decimal digits. Min. Typ. Max. Min. Typ. Max. D2 5.85 6.0 6.15 0.2303 0.2362 0.2421 E2 5.85 6.0 6.15 0.2303 0.2362 0.2421 |