Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9305EP Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce L9305EP
Description  Automotive 4-channel valve driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9305EP Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button L9305EP Datasheet HTML 17Page - STMicroelectronics L9305EP Datasheet HTML 18Page - STMicroelectronics L9305EP Datasheet HTML 19Page - STMicroelectronics L9305EP Datasheet HTML 20Page - STMicroelectronics L9305EP Datasheet HTML 21Page - STMicroelectronics L9305EP Datasheet HTML 22Page - STMicroelectronics L9305EP Datasheet HTML 23Page - STMicroelectronics L9305EP Datasheet HTML 24Page - STMicroelectronics L9305EP Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 107 page
background image
A set of parameters for the loop control is available through SPI registers in order to tune the transient response
and settling time of the loop based on the user’s load characteristics. These settings and details are discussed in
the following sections.
6.1.4
Fixed frequency control
The fixed frequency control subtracts the current measurement signal from the programmed set point to create
the error signal. The proportional and integral amplifiers process the error signal and generate the
PROPORTIONAL and INTEGRAL signals. The processing of PROPORTIONAL and INTEGRAL signals depends
on the user programmed values of Kp and Ki in the Channel_x.KGAINS register. The control loop then adds
PROPORTIONAL and INTEGRAL signals and compares the result with ramp generator.
Figure 10. Fixed frequency algorithm
(*) Programmable parameter.
(**) The integrator limiter is automatically calculated for Fixed Frequency algorithm. It avoids that the PI signal
exceeds the max. and min. levels of the RAMP signal. This allows fastest loop transient response.
(*)
PI
Comparator
Integrator
Limiter
Register
Z –1
Ramp
Generator
Current
Set Point
Current
Measurement
+
–
+
+
+
+
–
+
PWM
(**)
(*)
Ki
Kp
PROPORTIONAL
INTEGRAL
RAMP
GADG2709181213PS
The LIMITER in the integral path, limits the integral signal automatically to the RAMP signal to ensure the fastest
PWM changes to reduce current over and under shoot. An example of current control block diagram is shown in
Figure 10.
L9305
Current control drivers
DS12774 - Rev 10
page 21/107